Electronic Components Datasheet Search
  English  ▼

X  

MA723 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MA723
Description  Precision voltage regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MA723 Datasheet(HTML) 1 Page - NXP Semiconductors

  MA723 Datasheet HTML 1Page - NXP Semiconductors MA723 Datasheet HTML 2Page - NXP Semiconductors MA723 Datasheet HTML 3Page - NXP Semiconductors MA723 Datasheet HTML 4Page - NXP Semiconductors MA723 Datasheet HTML 5Page - NXP Semiconductors MA723 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
µA723/723C
Precision voltage regulator
1
1994 Aug 31
853-1063 13721
DESCRIPTION
The
µA723/µA723C is a monolithic precision voltage regulator
capable of operation in positive or negative supplies as a series,
shunt, switching, or floating regulator. The 723 contains a
temperature-compensated reference amplifier, error amplifier, series
pass transistor, and current limiter, with access to remote shutdown.
FEATURES
• Positive or negative supply operation
• Series, shunt, switching, or floating operation
• 0.01% line and load regulation
• Output voltage adjustable from 2V to 37V
• Output current to 150mA without external pass transistor
• µA723 MIL-STD-883A, B, C available
PIN CONFIGURATION
D,F, N Packages
1
2
3
4
5
6
7
8
14
13
12
11
10
9
NC
CURRENT LIMIT
CURRENT SENSE
INVERTING INPUT
NON-INVERTING INPUT
V–
VREF
NC
FREQUENCY COMPENS.
NC
V+
VC
VOUT
VZ
SL00503
Figure 1. Pin Configuration
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
14-Pin Ceramic Dual In-Line Package (CERDIP)
-55
°C to 125°C
µA723F
0581B
14-Pin Plastic Dual In-Line Package (DIP)
0 to 70
°C
µA723CN
SOT27-1
14-Pin Plastic Small Outline (SO) Package
0 to 70
°C
µA723CD
SOT108-1
EQUIVALENT CIRCUIT
TEMPERATURE
COMPENSATED
ZENER
7
V–
VOLTAGE
REFERENCE
AMPLIFIER
INVERTING
INPUT
4
ERROR AMP
NON INVERTING
INPUT
–
+
CURRENT
LIMIT
2
3 CURRENT
SENSE
FREQUENCY
COMPENSATION
V+
12
13
11
SERIES PASS
TRANSISTOR
10
9
VC
VZ
VOUT
8
VREF
VIN
SL00504
Figure 2. Equivalent Circuit


Similar Part No. - MA723

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA723 PANASONIC-MA723 Datasheet
67Kb / 11P
Vertical Driver LSI for Video Camera CCD Area Image Sensor
MA723 PANASONIC-MA723 Datasheet
68Kb / 12P
Vertical Driver LSI for Video Camera CCD Area Image Sensor
More results

Similar Description - MA723

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM723 NJRC-NJM723 Datasheet
163Kb / 4P
PRECISION VOLTAGE REGULATOR
logo
Analog Devices
ADP3310 AD-ADP3310 Datasheet
120Kb / 8P
Precision Voltage Regulator Controller
REV.A
logo
Fairchild Semiconductor
KA723 FAIRCHILD-KA723 Datasheet
46Kb / 8P
Precision Voltage Regulator
logo
Hitachi Semiconductor
HA17723 HITACHI-HA17723 Datasheet
91Kb / 17P
Precision Voltage Regulator
logo
Microsemi Corporation
SG723 MICROSEMI-SG723 Datasheet
88Kb / 4P
PRECISION VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-812XXSG SII-S-812XXSG Datasheet
1Mb / 31P
HIGH-PRECISION VOLTAGE REGULATOR
S-813 SII-S-813 Datasheet
1Mb / 31P
HIGH-PRECISION VOLTAGE REGULATOR?
logo
Microsemi Corporation
SG723 MICROSEMI-SG723_1 Datasheet
306Kb / 4P
PRECISION VOLTAGE REGULATOR
logo
Analog Devices
ADP3310 AD-ADP3310_15 Datasheet
319Kb / 8P
Precision Voltage Regulator Controller
REV. B
logo
Jingjing Microelectroni...
EG431 EGMICRO-EG431 Datasheet
546Kb / 13P
Precision adjustable voltage regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com