Electronic Components Datasheet Search
  English  ▼

X  

MA733 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MA733
Description  Differential video amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MA733 Datasheet(HTML) 6 Page - NXP Semiconductors

  MA733 Datasheet HTML 1Page - NXP Semiconductors MA733 Datasheet HTML 2Page - NXP Semiconductors MA733 Datasheet HTML 3Page - NXP Semiconductors MA733 Datasheet HTML 4Page - NXP Semiconductors MA733 Datasheet HTML 5Page - NXP Semiconductors MA733 Datasheet HTML 6Page - NXP Semiconductors MA733 Datasheet HTML 7Page - NXP Semiconductors MA733 Datasheet HTML 8Page - NXP Semiconductors MA733 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Philips Semiconductors
Product specification
µA733/733C
Differential video amplifier
1992 Apr 15
6
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Supply Current as a
Function of Temperature
21
20
19
18
17
16
15
14
-60
-20
20
60
100
140
TEMPERATURE – oC
VS = +6V
Gain vs. Frequency as a
Function of Temperature
60
50
40
30
20
10
0
-10
1
5
10
50 100
500 1000
FREQUENCY – MHz
GAIN 2
VS = +6V
RL = 1kKΩ
TA = 125
oC
TA = –55
oC
TA = 25
oC
Gain vs. Frequency as a
Function of Supply Voltage
60
50
40
30
20
10
0
-10
1
5
10
50 100
500 1000
FREQUENCY – MHz
VS = +8V
VS = +3V
VS = +6V
GAIN 2
TA = 25
oC
RL = 1kKΩ
14
1
12
11
8
7
4
3
Voltage Gain
Adjust Circuit
0.2
µF
0.2
µF
733
51
Ω 51Ω
RADJ
1k
Ω
1k
Ω
TA = 25
oC
VS = +6V
(Pin numbers apply to K Package)
28
24
20
16
12
8
34
5
6
7
8
SUPPLY VOLTAGE – +V
TA = 25
oC
Output Voltage and Current
Swing as a Function of
Supply Voltage
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
3.0
4.0
5.0
6.0
7.0
8.0
SUPPLY VOLTAGE – +V
TA = 25
oC
VOLTAGE
CURRENT
Voltage Gain as a
Function of Temperature
1.10
1.08
1.06
1.04
1.02
1.00
0.98
0.96
0.94
0.92
0.90
0
1020
30
40
5060
70
TEMPERATURE – oC
VS = +6V
GAIN 2
GAIN 1
GAIN 3
Voltage Gain as a
Function of Supply Voltage
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
34
5
6
7
8
SUPPLY VOLTAGE – +V
TA = 25
oC
GAIN 2
GAIN 1
GAIN 3
1000
100
10
10
100
1K
10K
RADJ – Ω
VS = +6V
TA = 25
oC
Voltage Gain as a
Function of RADJ (Figure 3)
Supply Current as a
Function of Supply Voltage
SL00092
Figure 4. Typical Performance Characteristics (cont.)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com