Electronic Components Datasheet Search
  English  ▼

X  

MA733 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MA733
Description  Differential video amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MA733 Datasheet(HTML) 7 Page - NXP Semiconductors

  MA733 Datasheet HTML 1Page - NXP Semiconductors MA733 Datasheet HTML 2Page - NXP Semiconductors MA733 Datasheet HTML 3Page - NXP Semiconductors MA733 Datasheet HTML 4Page - NXP Semiconductors MA733 Datasheet HTML 5Page - NXP Semiconductors MA733 Datasheet HTML 6Page - NXP Semiconductors MA733 Datasheet HTML 7Page - NXP Semiconductors MA733 Datasheet HTML 8Page - NXP Semiconductors MA733 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Philips Semiconductors
Product specification
µA733/733C
Differential video amplifier
1992 Apr 15
7
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Output Voltage Swing as a
Function of Load Resistance
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
10
50 100
500 1K
5K 10K
LOAD RESISTANCE –
Ω
VS = +6V
TA = 25
oC
Input Resistance as a
Function of Temperature
70
60
50
40
30
20
10
0
-60
-20
0
20
60
100
140
TEMPERATURE – oC
GAIN 2
VS = +6V
Input Noise Voltage as a
Function of Source Resistance
100
90
80
70
60
50
40
30
20
10
0
1
10
100
1K
10K
SOURCE RESISTANCE –
Ω
GAIN 2
VS = +6V
TA = 25
oC
BW = 10MHz
SL00093
Figure 5. Typical Performance Characteristics (cont.)
TEST CIRCUITS TA=25°C, unless otherwise specified.
VOUT
VIN
RL
733
51
Ω
51
Ω
51
Ω
51
Ω
ein
eout eout
1k
1k
0.2
µF
0.2
µF
733
SL00094
Figure 6. Test Circuits



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com