Electronic Components Datasheet Search
  English  ▼

X  

MA741 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MA741
Description  General purpose operational amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MA741 Datasheet(HTML) 7 Page - NXP Semiconductors

  MA741 Datasheet HTML 1Page - NXP Semiconductors MA741 Datasheet HTML 2Page - NXP Semiconductors MA741 Datasheet HTML 3Page - NXP Semiconductors MA741 Datasheet HTML 4Page - NXP Semiconductors MA741 Datasheet HTML 5Page - NXP Semiconductors MA741 Datasheet HTML 6Page - NXP Semiconductors MA741 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Philips Semiconductors
Product specification
µA741/µA741C/SA741C
General purpose operational amplifier
1994 Aug 31
7
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
28
24
20
16
12
8
4
0
10
100
1K
10K
100K
(VOLTAGE FOLLOWER)
+ 15 VOLT SUPPLIES
THD < 5%
FREQUENCY — Hz
Power Bandwidth
(Large–Signal Swing vs
Frequency)
+V
–V
10K
Ω
–V
+
–
µA741
SL00099
Figure 5. Typical Performance Characteristics (cont.)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com