Electronic Components Datasheet Search
  English  ▼

X  

MA741 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MA741
Description  General purpose operational amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MA741 Datasheet(HTML) 1 Page - NXP Semiconductors

  MA741 Datasheet HTML 1Page - NXP Semiconductors MA741 Datasheet HTML 2Page - NXP Semiconductors MA741 Datasheet HTML 3Page - NXP Semiconductors MA741 Datasheet HTML 4Page - NXP Semiconductors MA741 Datasheet HTML 5Page - NXP Semiconductors MA741 Datasheet HTML 6Page - NXP Semiconductors MA741 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
µA741/µA741C/SA741C
General purpose operational amplifier
1
1994 Aug 31
853-0903 13721
DESCRIPTION
The
µA741 is a high performance operational amplifier with high
open-loop gain, internal compensation, high common mode range
and exceptional temperature stability. The
µA741 is
short-circuit-protected and allows for nulling of offset voltage.
FEATURES
• Internal frequency compensation
• Short circuit protection
• Excellent temperature stability
• High input voltage range
PIN CONFIGURATION
1
2
3
4
5
6
7
8
–
+
OFFSET NULL
INVERTING INPUT
NON–INVERTING INPUT
V –
NC
V +
OUTPUT
OFFSET NULL
TOP VIEW
D, F, N Packages
SL00095
Figure 1. Pin Configuration
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
8-Pin Plastic Dual In-Line Package (DIP)
-55
°C to +125°C
µA741N
SOT97-1
8-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
µA741CN
SOT97-1
8-Pin Plastic Dual In-Line Package (DIP)
-40
°C to +85°C
SA741CN
SOT97-1
8-Pin Ceramic Dual In-Line Package (CERDIP)
-55
°C to +125°C
µA741F
0580A
8-Pin Ceramic Dual In-Line Package (CERDIP)
0 to +70
°C
µA741CF
0580A
8-Pin Small Outline (SO) Package
0 to +70
°C
µA741CD
SOT96-1
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VS
Supply voltage
µA741C
±18
V
µA741
±22
V
PD
Internal power dissipation
D package
780
mW
N package
1170
mW
F package
800
mW
VIN
Differential input voltage
±30
V
VIN
Input voltage1
±15
V
ISC
Output short-circuit duration
Continuous
TA
Operating temperature range
µA741C
0 to +70
°C
SA741C
-40 to +85
°C
µA741
-55 to +125
°C
TSTG
Storage temperature range
-65 to +150
°C
TSOLD
Lead soldering temperature (10sec max)
300
°C
NOTES:
1. For supply voltages less than
±15V, the absolute maximum input voltage is equal to the supply voltage.


Similar Part No. - MA741

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
mA741 TI-mA741 Datasheet
1Mb / 23P
GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
MA741.B.BI-.001 ETC2-MA741.B.BI-.001 Datasheet
2Mb / 20P
Pantheon Antenna 2in1 MA.741
logo
Taoglas antenna solutio...
MA741.B.BI.001 TAOGLAS-MA741.B.BI.001 Datasheet
2Mb / 20P
IP67 Waterproof
logo
Murata Manufacturing Co...
MA74101BAN MURATA-MA74101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MA74101BBN MURATA-MA74101BBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MA741

ManufacturerPart #DatasheetDescription
logo
NEC
UPC741 NEC-UPC741 Datasheet
296Kb / 10P
GENERAL PURPOSE OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4741 NJRC-NJM4741 Datasheet
233Kb / 6P
GENERAL PURPOSE QUAD OPERATIONAL AMPLIFIER
logo
NXP Semiconductors
MC1458 PHILIPS-MC1458 Datasheet
100Kb / 6P
General purpose operational amplifier
August 31, 1994
NE4558 PHILIPS-NE4558 Datasheet
85Kb / 5P
Dual general-purpose operational amplifier
August 31, 1994
logo
Analog Devices
OP02 AD-OP02 Datasheet
355Kb / 8P
General - Purpose Operational Amplifier
logo
Texas Instruments
UA702M TI-UA702M Datasheet
193Kb / 4P
GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Raytheon Company
RC4741 RAYTHEON-RC4741 Datasheet
320Kb / 7P
General Purpose Operational Amplifier
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741_01 Datasheet
88Kb / 5P
GENERAL PURPOSE SINGLE OPERATIONAL AMPLIFIER
Nov-2001
logo
Taiwan Semiconductor Co...
TS4558 TSC-TS4558_08 Datasheet
149Kb / 7P
Dual General Purpose Operational Amplifier
logo
Texas Instruments
LM218-Q1 TI1-LM218-Q1 Datasheet
148Kb / 7P
FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com