Electronic Components Datasheet Search
  English  ▼

X  

IL3585 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IL3585
Description  PROFIBUS Compatible Isolated RS485 Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IL3585 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IL3585 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL3585 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL3585 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL3585 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL3585 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL3585 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL3585 Datasheet HTML 7Page - List of Unclassifed Manufacturers IL3585 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IL3585
Absolute Maximum Ratings
(11)
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Storage Temperature
T
S
-65
150
°C
Ambient Operating Temperature
T
A
-40
100
°C
Voltage Range at A or B Bus Pins
-7
12
V
Supply Voltage (1)
V
DD
1, VDD2
-0.5
7
V
Digital Input Voltage
-0.5
V
DD+0.5
V
Digital Output Voltage
-0.5
V
DD+1
V
Recommended Operating Conditions
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Supply Voltage
V
DD
1
V
DD
2
3.0
4.5
5.5
5.5
V
Input Voltage at any Bus Terminal
(separately or common mode)
V
I
V
IC
12
-7
V
High-Level Digital Input Voltage
V
IH
2.4
3.0
V
V
DD
1= 3.3 V
V
DD
1= 5.0 V
Low-Level Digital Input Voltage
V
IL
0.8
V
Differential Input Voltage (2)
V
ID
+12/-7
V
High-Level Output Current (Driver)
I
OH
-60
60
mA
High-Level Digital Output Current
(Receiver)
I
OH
-8
8
mA
Low-Level Output Current (Driver)
I
OL
-60
60
mA
Low-Level Digital Output Current
(Receiver)
I
OL
-8
8
mA
Ambient Operating Temperature
T
A
-40
85
°C
Digital Input Signal Rise and Fall
Times
t
IR,tIF
DC Stable
Insulation Specifications
Parameters
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Creepage Distance (external)
8.077
Barrier Impedance
Ω || pF
>1014||7
Leakage Current
0.2
µA
RMS
240 V
RMS, 60 Hz
Safety & Approvals
IEC61010-1
TUV Certificate Numbers:
Approval Pending
Classification
Model
Package
Pollution Degree
Material Group
Max. Working Voltage
IL3585
SOIC (0.3
")
II
III
300 VRMS
UL 1577
Component Recognition program. File #:
Approval Pending
Rated 2500VRMS for 1 minute (SOIC)
Electrostatic Discharge Sensitivity
This product has been tested for electrostatic sensitivity to the limits stated in the specifications. However, NVE recommends that all integrated
circuits be handled with appropriate care to avoid damage. Damage caused by inappropriate handling or storage could range from performance
degradation to complete failure.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com