Electronic Components Datasheet Search
  English  ▼

X  

IL3585 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IL3585
Description  PROFIBUS Compatible Isolated RS485 Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IL3585 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IL3585 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL3585 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL3585 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL3585 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL3585 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL3585 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL3585 Datasheet HTML 7Page - List of Unclassifed Manufacturers IL3585 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IL3585
Isoloop® is a registered trademark of NVE Corporation.
*U.S. Patent number 5,831,426; 6,300,617 and others.
ISB-DS-001-IL612-A, January 20, 2005
NVE Corp., 11409 Valley View Road, Eden Prairie, MN 55344-3617, U.S.A.
Telephone: 952-829-9217, Fax 952-829-9189, www.isoloop.com
© 2005 NVE Corporation
PROFIBUS Compatible Isolated RS485 Interface
Functional Diagram
VID (A-B)
DE
RE
R
D
Mode
≥ 200 mV
L
L
H
X
Receive
≤ -200 mV
L
L
L
X
Receive
≥1.5 V
H
L
H
H
Drive
≤ -1.5 V
H
L
L
L
Drive
X
X
H
Z
X
Hi Z R
Features
• 3.3 / 5 V Input Supply Compatible
• 2500 VRMS Isolation (1 min)
• 20 ns Propagation Delay
• 40 Mbps Data Rate
• 5 ns Pulse Skew
• 20 kV/us Transient Immunity
• Thermal Shutdown Protection
• -40°C to +85°C Temperature Range
• PROFIBUS Compliant
• 16 Pin SOIC Package
• UL1577 Approval Pending
• IEC 61010-1 Approval Pending
Applications
• Security Networks
• ProfiBus DP and FMS Networks
• Building Environmental Controls
• Industrial Control Networks
• Gaming Systems
• Factory Automation
Description
The IL3585 is a galvanically isolated, high-speed differential bus
transceiver, designed for bi-directional data communication on
balanced transmission lines. Isolation is achieved through patented*
Isoloop® technology. The IL3585 offers an exceptional 2.5 V
differential output into a 54
Ωload, which translates to better data
integrity over longer cable lengths, even at data rates as high as 40
Mbps. The device is also compatible with 3.3V input supplies,
allowing interface to standard microcontrollers without the need for
additional level shifting components.
The IL3585 has current limiting and thermal shutdown features to
protect against output short circuits and bus contention situations
which may cause excessive power dissipation.


Similar Part No. - IL3585

ManufacturerPart #DatasheetDescription
logo
NVE Corporation
IL3585 NVE-IL3585 Datasheet
272Kb / 16P
High Speed Isolated RS-485 Transceivers
IL3585-3E NVE-IL3585-3E Datasheet
272Kb / 16P
High Speed Isolated RS-485 Transceivers
IL3585-3E TR13 NVE-IL3585-3E TR13 Datasheet
272Kb / 16P
High Speed Isolated RS-485 Transceivers
IL3585E NVE-IL3585E Datasheet
272Kb / 16P
High Speed Isolated RS-485 Transceivers
IL3585E TR13 NVE-IL3585E TR13 Datasheet
272Kb / 16P
High Speed Isolated RS-485 Transceivers
More results

Similar Description - IL3585

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1535 LINER-LTC1535 Datasheet
226Kb / 12P
Isolated RS485 Transceiver
logo
List of Unclassifed Man...
IL422-3V ETC-IL422-3V Datasheet
348Kb / 7P
Isolated 3Volt RS422/RS485 Interface
IL485-3V ETC-IL485-3V Datasheet
348Kb / 8P
Isolated RS485-3V Interface
IL485W ETC-IL485W Datasheet
176Kb / 4P
Isolated RS485 Interface with Handshake
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
Isolated RS485/RS422 Interface
logo
Linear Technology
LTC1535 LINER-LTC1535_1 Datasheet
247Kb / 16P
Isolated RS485 Transceiver
logo
RHOPOINT COMPONENTS
IL485W RHOPOINT-IL485W Datasheet
168Kb / 9P
Isolated RS485 Interface With Handshake
logo
Linear Technology
LTC1535 LINER-LTC1535_2 Datasheet
263Kb / 18P
Isolated RS485 Transceiver
LTC2876 LINER-LTC2876 Datasheet
1Mb / 32P
짹60V Rugged PROFIBUS RS485 Transceivers
logo
Festo Corporation.
8086608 FESTO-8086608 Datasheet
91Kb / 3P
PROFIBUS interface
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com