Electronic Components Datasheet Search
  English  ▼

X  

EUV-150S012ST Datasheet(PDF) 6 Page - Inventronics Inc.

Part # EUV-150S012ST
Description  150W Constant Voltage IP67 Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EUV-150S012ST Datasheet(HTML) 6 Page - Inventronics Inc.

  EUV-150S012ST Datasheet HTML 1Page - Inventronics Inc. EUV-150S012ST Datasheet HTML 2Page - Inventronics Inc. EUV-150S012ST Datasheet HTML 3Page - Inventronics Inc. EUV-150S012ST Datasheet HTML 4Page - Inventronics Inc. EUV-150S012ST Datasheet HTML 5Page - Inventronics Inc. EUV-150S012ST Datasheet HTML 6Page - Inventronics Inc. EUV-150S012ST Datasheet HTML 7Page - Inventronics Inc. EUV-150S012ST Datasheet HTML 8Page - Inventronics Inc. EUV-150S012ST Datasheet HTML 9Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6 / 9
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
150W Constant Voltage IP67 Driver
EUV-150SxxxST
Rev. T
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
RoHS Compliance
Our products comply with reference to RoHS Directive (EU) 2015/863 amending 2011/65/EU, calling for the
elimination of lead and other hazardous substances from electronic products.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com