Electronic Components Datasheet Search
  English  ▼

X  

EUV-150S012ST Datasheet(PDF) 8 Page - Inventronics Inc.

Part # EUV-150S012ST
Description  150W Constant Voltage IP67 Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EUV-150S012ST Datasheet(HTML) 8 Page - Inventronics Inc.

  EUV-150S012ST Datasheet HTML 1Page - Inventronics Inc. EUV-150S012ST Datasheet HTML 2Page - Inventronics Inc. EUV-150S012ST Datasheet HTML 3Page - Inventronics Inc. EUV-150S012ST Datasheet HTML 4Page - Inventronics Inc. EUV-150S012ST Datasheet HTML 5Page - Inventronics Inc. EUV-150S012ST Datasheet HTML 6Page - Inventronics Inc. EUV-150S012ST Datasheet HTML 7Page - Inventronics Inc. EUV-150S012ST Datasheet HTML 8Page - Inventronics Inc. EUV-150S012ST Datasheet HTML 9Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8 / 9
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
150W Constant Voltage IP67 Driver
EUV-150SxxxST
Rev. T
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Revision History (Continued)
Change
Date
Rev.
Description of Change
Item
From
To
2012-10-12
M
Life Time Typical Value
69,000 hours
77,200 hours
Life Time Curve
/
Updated
2013-01-18
N
No Load Power Dissipation
2 W
3 W
2013-11-26
O
Input Specifications--Load Range of
PF & THD
75%load-100%load
100%load
2015-09-11
P
Format
/
Updated
External Grounding Screw Solution
/
/
Features
/
Updated
Description
/
Updated
Models
EUV-150S042ST
Added
Models
EUV-150S020ST
Delete
General Specifications
Case Temperature
Operating Case Temperature
for Safety Tc_s
General Specifications
Operating Case Temperature
for Warranty Tc_w
Added
General Specifications
Storage Temperature
Added
Environmental Specifications
/
Delete
Safety & EMC Compliance
/
Updated
Protection Functions
/
Updated
Mechanical Outline
/
Updated
2017/11/14
Q
KS
/
Added
Features
5 years warranty
Added
Input Specifications
Leakage Current
Updated
PF/THD
Notes
Updated
Turn-on Delay Time
Notes
Updated
Temperature coefficient
Max 0.02%/
C
Typ 0.03%/
C
General Specifications
Operating Case Temperature
for Safety Tc_s
Updated
General Specifications
Operating Case Temperature
for Warranty Tc_w
Updated
General Specifications
With mounting ear
Added
Safety & EMC Compliance
/
Updated
Mechanical Outline
/
Updated



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com