Electronic Components Datasheet Search
  English  ▼

X  

EUV-150S024ST Datasheet(PDF) 1 Page - Inventronics Inc.

Part # EUV-150S024ST
Description  150W Constant Voltage IP67 Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EUV-150S024ST Datasheet(HTML) 1 Page - Inventronics Inc.

  EUV-150S024ST Datasheet HTML 1Page - Inventronics Inc. EUV-150S024ST Datasheet HTML 2Page - Inventronics Inc. EUV-150S024ST Datasheet HTML 3Page - Inventronics Inc. EUV-150S024ST Datasheet HTML 4Page - Inventronics Inc. EUV-150S024ST Datasheet HTML 5Page - Inventronics Inc. EUV-150S024ST Datasheet HTML 6Page - Inventronics Inc. EUV-150S024ST Datasheet HTML 7Page - Inventronics Inc. EUV-150S024ST Datasheet HTML 8Page - Inventronics Inc. EUV-150S024ST Datasheet HTML 9Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 / 9
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
150W Constant Voltage IP67 Driver
EUV-150SxxxST
Rev. T
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Features
Description
The EUV-150SxxxST series is a 150W, constant-Voltage LED driver that operates from 90-305 Vac input with
excellent power factor. It is created for many lighting applications including high bay, tunnel and roadway, etc.
The high efficiency of these drivers and compact metal case enables them to run cooler, significantly improving
reliability and extending product life. To ensure trouble-free operation, protection is provided against input surge,
output over voltage, over current, short circuit, and over temperature.
Models
Output
Voltage
Input
Voltage
Range(1)
Output
Current
Range
Max.
Output
Power
Typical
Efficiency
(2)
Typical
Power Factor
Model Number
(3)
110Vac 220Vac
12 Vdc
90 ~ 305 Vac
0~12.5 A
150 W
92%
0.99
0.96
EUV-150S012ST
24 Vdc
90 ~ 305 Vac
0~6.25 A
150 W
93%
0.99
0.96
EUV-150S024ST
36 Vdc
90 ~ 305 Vac
0~4.17 A
150 W
93%
0.99
0.96
EUV-150S036ST
42 Vdc
90 ~ 305 Vac
0~3.57 A
150 W
93%
0.99
0.96
EUV-150S042ST
48 Vdc
90 ~ 305 Vac
0~3.13 A
150 W
93%
0.99
0.96
EUV-150S048ST
54 Vdc
90 ~ 305 Vac
0~2.78 A
150 W
93%
0.99
0.96
EUV-150S054ST
Notes: (1) UL Certified input voltage range: 100-277Vac; otherwise 100-240Vac (except KS).
(2) Measured at 100% load and 220 Vac input.
(3) SELV output.
Input Specifications
Parameter
Min.
Typ.
Max.
Notes
Input Voltage
90 Vac
-
305 Vac
Input Frequency
47 Hz
-
63 Hz
Leakage Current
-
-
0.75 MIU
UL8750; 277Vac/ 60Hz, grounding effectively
-
-
0.70 mA
IEC60598-1; 240Vac/ 60Hz, grounding effectively
High Efficiency (Up to 93%)
Constant Voltage Output
Input Surge Protection: DM 4kV, CM 6kV
All-Around Protection: OVP, OCP, SCP, OTP
IP67 and UL Dry / Damp / Wet Location
SELV
TYPE HL, for use in a Class I, Division 2 hazardous
(Classified) location
5 Years Warranty


Similar Part No. - EUV-150S024ST

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUV-150S024SV INVENTRONICS-EUV-150S024SV Datasheet
281Kb / 8P
150W Constant Voltage IP67 Driver
Rev. U
More results

Similar Description - EUV-150S024ST

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EBV-150SXXXSV INVENTRONICS-DS-EBV-150SXXXSV Datasheet
538Kb / 10P
150W Constant Voltage IP67 Driver
Rev. D
EUV-150SXXXDTASTA INVENTRONICS-EUV-150SXXXDTASTA Datasheet
533Kb / 11P
150W Constant Voltage IP67 Driver
Rev.C
EUV-150SXXXDVASVA INVENTRONICS-EUV-150SXXXDVASVA Datasheet
1Mb / 11P
150W Constant Voltage IP67 Driver
Rev.D
EUV-150SXXXSV INVENTRONICS-EUV-150SXXXSV Datasheet
281Kb / 8P
150W Constant Voltage IP67 Driver
Rev. U
EBC-150SXXXSVA000X INVENTRONICS-EBC-150SXXXSVA000X Datasheet
206Kb / 8P
150W Constant Current IP67 Driver
Rev. D
ESC-150SXXXDT INVENTRONICS-ESC-150SXXXDT Datasheet
676Kb / 10P
150W Constant Current IP67 Driver
Rev. O
ESV-150SXXXST INVENTRONICS-ESV-150SXXXST Datasheet
243Kb / 7P
150W Constant Voltage IP67 Driver
Rev. C
ETC-150SXXXDT INVENTRONICS-ETC-150SXXXDT Datasheet
565Kb / 9P
150W Constant Current IP67 Driver
Rev. F
EUC-150SXXXDV INVENTRONICS-EUC-150SXXXDV Datasheet
562Kb / 12P
150W Constant Current IP67 Driver
Rev. F
EUC-150SXXXDVA INVENTRONICS-EUC-150SXXXDVA Datasheet
590Kb / 11P
150W Constant Current IP67 Driver
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com