Electronic Components Datasheet Search
  English  ▼

X  

EUV-150S024ST Datasheet(PDF) 7 Page - Inventronics Inc.

Part # EUV-150S024ST
Description  150W Constant Voltage IP67 Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EUV-150S024ST Datasheet(HTML) 7 Page - Inventronics Inc.

  EUV-150S024ST Datasheet HTML 1Page - Inventronics Inc. EUV-150S024ST Datasheet HTML 2Page - Inventronics Inc. EUV-150S024ST Datasheet HTML 3Page - Inventronics Inc. EUV-150S024ST Datasheet HTML 4Page - Inventronics Inc. EUV-150S024ST Datasheet HTML 5Page - Inventronics Inc. EUV-150S024ST Datasheet HTML 6Page - Inventronics Inc. EUV-150S024ST Datasheet HTML 7Page - Inventronics Inc. EUV-150S024ST Datasheet HTML 8Page - Inventronics Inc. EUV-150S024ST Datasheet HTML 9Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7 / 9
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
150W Constant Voltage IP67 Driver
EUV-150SxxxST
Rev. T
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Revision History
Change
Date
Rev.
Description of Change
Item
From
To
2009-08-14
A
Change Max. Output Current and Efficiency.
2009-09-02
B
Change MTBF and Life Time.
2009-09-11
C
Change Turn-on Delay Time
2009-10-15
D
Delete “UL1310 Class2” in Safety & EMC Compliance
2009-11-10
E
Change notes of efficiency.
Change “No Load Power Dissipation”.
2009-11-13
F
Add the Mechanical Outline of 12V.
2009-12-16
G
Add note for mechanical outline.
2010-05-31
H
Add star rank for recommended
models
/
☆
: Popular model.
Add Leakage Current in Input
Specifications
/
Max. 1 mA At 277Vac 50Hz
input
Standardize the tolerance in
Mechanical Outline
/
/
2011-12-09
I
EUV-150S020ST
/
Add New Model
2012-06-12
J
Models
VO = 40 V
VO = 50 V
VO = 52 V
VO = 56 V
VO = 81 V
VO = 105 V
/
Deleted
Turn-on delay time
0.6 s
1.0 s
0.9 s
1.5 s
0.3 s
0.6 s
0.5 s
1.0 s
Efficiency of EUV-150S020ST
@ 110 Vac
/
1 % lower
MTBF
584,000 Hours
250,000 Hours
Life time
/
50,000 Hours at Tc 60
C
Life time Curve
/
Added
Mechanical outline
/
Updated
2012-7-17
K
Max Case Temperature
/
Updated
2012-8-24
L
EN61000-4-5
line to line 2 kV, line to earth 4
kV
line to line 4 kV, line to earth 6
kV
Min PF
/
Added
Max THD
/
Added
Temperature Co-efficient
/
Added
42V Model
/
Deleted
Inrush Current(I2t)
/
Added



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com