Electronic Components Datasheet Search
  English  ▼

X  

EUV-150S042ST Datasheet(PDF) 3 Page - Inventronics Inc.

Part # EUV-150S042ST
Description  150W Constant Voltage IP67 Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EUV-150S042ST Datasheet(HTML) 3 Page - Inventronics Inc.

  EUV-150S042ST Datasheet HTML 1Page - Inventronics Inc. EUV-150S042ST Datasheet HTML 2Page - Inventronics Inc. EUV-150S042ST Datasheet HTML 3Page - Inventronics Inc. EUV-150S042ST Datasheet HTML 4Page - Inventronics Inc. EUV-150S042ST Datasheet HTML 5Page - Inventronics Inc. EUV-150S042ST Datasheet HTML 6Page - Inventronics Inc. EUV-150S042ST Datasheet HTML 7Page - Inventronics Inc. EUV-150S042ST Datasheet HTML 8Page - Inventronics Inc. EUV-150S042ST Datasheet HTML 9Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3 / 9
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
150W Constant Voltage IP67 Driver
EUV-150SxxxST
Rev. T
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
General Specifications (Continued)
Parameter
Min.
Typ.
Max.
Notes
No Load Power Dissipation
-
-
3 W
MTBF
-
260,900
hours
-
Measured at 110Vac input, 80%Load and 25
C
ambient temperature (MIL-HDBK-217F)
Lifetime
-
77,200
hours
-
Measured at 220Vac input, 80%Load and 60
C
case temperature; See life time vs. Tc curve for
the details
Operating Case Temperature
for Safety Tc_s
-35 °C
-
+90
C
@90-305 Vac
-40°C
-
+90
C
@198-305 Vac
Operating Case Temperature
for Warranty Tc_w
-35 °C
-
+65 ºC
@90-305 Vac, Case temperature for 5 years
warranty
Humidity: 10%RH to 95%RH
-40 °C
-
+65 ºC
@198-305 Vac, Case temperature for 5 years
warranty
Humidity: 10%RH to 95%RH
Storage Temperature
-40 °C
-
+85 °C
Humidity: 5%RH to 95%RH
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
7.83 × 2.66 × 1.56
199 × 67.5 × 39.5
With mounting ear
8.90 × 2.66 × 1.56
226 × 67.5 × 39.5
Net Weight
-
1100 g
-
Safety & EMC Compliance
Safety Category
Standard
UL/CUL
UL 8750, CAN/CSA-C22.2 No. 250.13
CE
EN 61347-1, EN 61347-2-13
KS
KS C 7655
EMI Standards
Notes
EN 55015(1)
Conducted emission Test & Radiated emission Test
EN 61000-3-2
Harmonic current emissions
EN 61000-3-3
Voltage fluctuations & flicker
EMS Standards
Notes
EN 61000-4-2
Electrostatic Discharge (ESD): 8 kV air discharge, 4 kV contact discharge
EN 61000-4-3
Radio-Frequency Electromagnetic Field Susceptibility Test-RS
EN 61000-4-4
Electrical Fast Transient / Burst-EFT
EN 61000-4-5
Surge Immunity Test: AC Power Line: Differential Mode 4 kV, Common Mode 6 kV
EN 61000-4-6
Conducted Radio Frequency Disturbances Test-CS
EN 61000-4-8
Power Frequency Magnetic Field Test
EN 61000-4-11
Voltage Dips
EN 61547
Electromagnetic Immunity Requirements Applies to Lighting Equipment



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com