Electronic Components Datasheet Search
  English  ▼

X  

EUV-150S042ST Datasheet(PDF) 4 Page - Inventronics Inc.

Part # EUV-150S042ST
Description  150W Constant Voltage IP67 Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EUV-150S042ST Datasheet(HTML) 4 Page - Inventronics Inc.

  EUV-150S042ST Datasheet HTML 1Page - Inventronics Inc. EUV-150S042ST Datasheet HTML 2Page - Inventronics Inc. EUV-150S042ST Datasheet HTML 3Page - Inventronics Inc. EUV-150S042ST Datasheet HTML 4Page - Inventronics Inc. EUV-150S042ST Datasheet HTML 5Page - Inventronics Inc. EUV-150S042ST Datasheet HTML 6Page - Inventronics Inc. EUV-150S042ST Datasheet HTML 7Page - Inventronics Inc. EUV-150S042ST Datasheet HTML 8Page - Inventronics Inc. EUV-150S042ST Datasheet HTML 9Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4 / 9
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
150W Constant Voltage IP67 Driver
EUV-150SxxxST
Rev. T
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Note: (1) This LED driver meets the EMI specifications above, but EMI performance of a luminaire that contains it depends
also on the other devices connected to the driver and on the fixture itself.
(2) To perform electric strength (hi-pot) testing, the “GDT ground disconnect” (nut and metal lock sheet) on the driver
end-cap should be removed temporarily to prevent the internal gas discharge tube from conducting (as allowed
by IEC 60598-1 Clause 10.2). After testing is completed, these items must be reinstalled to restore line-to-earth
surge protection and secure the end cap.
Derating Curve
Lifetime vs. Case Temperature Curve
Protection Functions
Parameter
Min.
Typ.
Max.
Notes
Over Current Protection
110% IO
135% IO
200% IO
Hiccup mode. The power supply shall be self-
recovery when the fault condition is removed.
Over Temperature Protection
Auto Recovery, returning to normal after over temperature is removed.
Short Circuit Protection
No damage will occur when any output is short circuited. The output shall return to
normal when the fault condition is removed.
Over Voltage Protection
Limits output voltage at no load and in case the normal voltage limit fails.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com