| Electronic Components Datasheet Search |
|
AM29LV640MB120PCF Datasheet(PDF) 43 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29LV640MB120PCF Datasheet(HTML) 43 Page - Advanced Micro Devices |
|
43 / 66 page ![]() February 1, 2007 26190C8 Am29LV640MT/B 41 D A TA SH EET other system tasks. In this case, the system must start at the beginning of the algorithm when it returns to de- termine the status of the operation (top of Figure 9). DQ5: Exceeded Timing Limits DQ5 indicates whether the program, erase, or write-to-buffer time has exceeded a specified internal pulse count limit. Under these conditions DQ5 produces a “1,” indicating that the program or erase cycle was not suc- cessfully completed. The device might output a “1” on DQ5 if the system tries to program a “1” to a location that was previously programmed to “0.” Only an erase operation can change a “0” back to a “1.” Under this condition, the device halts the operation, and when the timing limit has been exceeded, DQ5 produces a “1.” In all these cases, the system must write the reset command to return the device to the reading the array (or to erase-suspend-read if the device was previously in the erase-suspend-program mode). DQ3: Sector Erase Timer After writing a sector erase command sequence, the system can read DQ3 to determine whether or not erasure has begun. (The sector erase timer does not apply to the chip erase command.) If additional sectors are selected for erasure, the entire time-out also applies after each additional sector erase com- mand. When the time-out period is complete, DQ3 switches from a “0” to a “1.” If the time between addi- tional sector erase commands from the system can be assumed to be less than 50 µs, the system need not monitor DQ3. See also Sector Erase Command Se- quence on page 33 . After the sector erase command is written, the system should read the status of DQ7 (Data# Polling) or DQ6 (Toggle Bit I) to ensure that the device has accepted the command sequence, and then read DQ3. If DQ3 is “1,” the Embedded Erase algorithm has begun; all fur- ther commands (except Erase Suspend) are ignored until the erase operation is complete. If DQ3 is “0,” the device accepts additional sector erase commands. To ensure the command has been accepted, the system software should check the status of DQ3 prior to and following each subsequent sector erase command. If DQ3 is high on the second status check, the last com- mand might not have been accepted. Table 14 shows the status of DQ3 relative to the other status bits. DQ1: Write-to-Buffer Abort DQ1 indicates whether a Write-to-Buffer operation was aborted. Under these conditions DQ1 produces a “1”. The system m u st i s s u e the Write-to-Buffer-Abort-Reset command sequence to re- turn the device to reading array data. See Write Buffer Programming on page 29 for more details. Table 14. Write Operation Status Notes: 1. DQ5 switches to ‘1’ when an Embedded Program, Embedded Erase, or Write-to-Buffer operation has exceeded the maximum timing limits. See DQ5: Exceeded Timing Limits for more information. 2. DQ7 and DQ2 require a valid address when reading status information. Refer to the appropriate subsection for further details. 3. The Data# Polling algorithm should be used to monitor the last loaded write-buffer address location. 4. DQ1 switches to ‘1’ when the device has aborted the write-to-buffer operation. Status DQ7 (Note 2) DQ6 DQ5 (Note 1) DQ3 DQ2 (Note 2) DQ1 RY/BY# Standard Mode Embedded Program Algorithm DQ7# Toggle 0 N/A No toggle 0 0 Embedded Erase Algorithm 0 Toggle 0 1 Toggle N/A 0 Program Suspend Mode Program- Suspend Read Program-Suspended Sector Invalid (not allowed) 1 Non-Program Suspended Sector Data 1 Erase Suspend Mode Erase- Suspend Read Erase-Suspended Sector 1 No toggle 0 N/A Toggle N/A 1 Non-Erase Suspended Sector Data 1 Erase-Suspend-Program (Embedded Program) DQ7# Toggle 0 N/A N/A N/A 0 Write-to- Buffer Busy (Note 3) DQ7# Toggle 0 N/A N/A 0 0 Abort (Note 4) DQ7# Toggle 0 N/A N/A 1 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |