| Electronic Components Datasheet Search |
|
AM29LV640MB120PCF Datasheet(PDF) 46 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29LV640MB120PCF Datasheet(HTML) 46 Page - Advanced Micro Devices |
|
46 / 66 page ![]() 44 Am29LV640MT/B 26190C8 February 1, 2007 D A TA SH EE T TEST CONDITIONS Table 15. Test Specifications Note: If V IO < VCC, the reference level is 0.5 VIO. KEY TO SWITCHING WAVEFORMS 2.7 k Ω CL 6.2 k Ω 3.3 V Device Under Test Note: Diodes are IN3064 or equivalent Figure 12. Test Setup Test Condition All Speeds Unit Output Load 1 TTL gate Output Load Capacitance, C L (including jig capacitance) 30 pF Input Rise and Fall Times 5 ns Input Pulse Levels 0.0–3.0 V Input timing measurement reference levels (See Note) 1.5 V Output timing measurement reference levels 0.5 VIO V WAVEFORM INPUTS OUTPUTS Steady Changing from H to L Changing from L to H Don’t Care, Any Change Permitted Changing, State Unknown Does Not Apply Center Line is High Impedance State (High Z) 3.0 V 0.0 V 1.5 V 0.5 VIO V Output Measurement Level Input Note: If V IO < VCC, the input measurement reference level is 0.5 VIO. Figure 13. Input Waveforms and Measurement Levels |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |