Electronic Components Datasheet Search
  English  ▼

X  

SS12F Datasheet(PDF) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # SS12F
Description  20V-200V 1A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

SS12F Datasheet(HTML) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

  SS12F Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. SS12F Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. SS12F Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ORDERING INFORMATION
www.umw-ic.com
3
友台半导体有限公司
UMW SS12F THRU SS120F
20V-200V 1A
UMW
R
R
R
R
Order Code
Package
Baseqty
Deliverymode
UMW SS12F
SMAF
3000
Tape and reel
UMW SS14F
SMAF
3000
Tape and reel
UMW SS16F
SMAF
3000
Tape and reel
UMW SS18F
SMAF
3000
Tape and reel
UMW SS110F
SMAF
3000
Tape and reel
UMW SS112F
SMAF
3000
Tape and reel
UMW SS115F
SMAF
3000
Tape and reel
UMW SS120F
SMAF
3000
Tape and reel



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com