Electronic Components Datasheet Search
  English  ▼

X  

SS12F Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # SS12F
Description  20V-200V 1A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

SS12F Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  SS12F Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. SS12F Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. SS12F Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Maximum DC Blocking Voltage
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Maximum Average Forward Rectified Current
Typical Junction Capacitance
20
40
V
14
28
V
V
1.0
30
0.3
10
95
-55 ~ +150
A
A
V
mA
pF
°C
Typical Thermal Resistance
°C/W
Units
Absolute Maximum Ratings and Electrical characteristics
Ratings at
ambient temperature unless otherwise specified.Single phase, half wave, 60Hz resistive or inductive load,
for capacitive load, derate by 20 %
25
°C
20
40
Peak Forward Surge Current,8.3ms
Single Half Sine-wave Superimposed
on Rated Load (JEDEC method)
Max Instantaneous Forward Voltage at 1 A
Maximum DC Reverse Current
at Rated DC Reverse Voltage
Operating Junction Temperature Range
SS12F
SS14F
SS16F
SS18F
SS110F
SS112F
SS115F
SS120F
T = 25
°C
a
T =100
°C
a
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
RθJA
Cj
Tj
Symbols
Tstg
Storage Temperature Range
60
42
60
80
56
80
100
70
100
0.55
0.70
0.85
110
-55 ~ +150
°C
120
84
120
150
105
150
200
140
200
0.90
0.2
5
0.1
2
80
40
FEATURES
Metal silicon junction, majority carrier conduction
For surface mounted applications
Low power loss, high efficiency
High forward surge current capability
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
MECHANICAL DATA
• Case: SMAF
• Terminals: Solderable per MIL-STD-750, Method 2026
• A
27mg
0 00095oz
pprox. Weight:
/
.
(2)
(1)
Measured at 1 MHz and applied reverse voltage of 4 V D.C
(2)
(1)
P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.
•
•
•
•
•
•
UMW SS12F THRU SS120F
20V-200V 1A
UMW
R
R
R
R
www.umw-ic.com
1
友台半导体有限公司
友台半导体有限公司


Similar Part No. - SS12F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
List of Unclassifed Man...
SS12F ETC2-SS12F Datasheet
526Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SS12F CHENDA-SS12F Datasheet
629Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
SS12F YFWDIODE-SS12F Datasheet
163Kb / 3P
Surface MountSchottky Barrier Rectifier
logo
Guangdong Juxing Electr...
SS12F JUXING-SS12F Datasheet
761Kb / 3P
Surface Mount Schottky Rectifiers
More results

Similar Description - SS12F

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FM120-MS-THRU-FM1200-MS FRONTIER-FM120-MS-THRU-FM1200-MS Datasheet
632Kb / 3P
1A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
FM120-S-THRU-FM1200-S FRONTIER-FM120-S-THRU-FM1200-S Datasheet
636Kb / 3P
1A SMD SCHOTTKY BARRIER RECTIFIERS, 20V-200V
logo
Guangdong Youtai Semico...
SS12 UMW-SS12 Datasheet
566Kb / 3P
20V-200V 1A
SS22 UMW-SS22 Datasheet
558Kb / 3P
20V-200V 2A
SS22F UMW-SS22F Datasheet
645Kb / 3P
20V-200V 2A
SS26 UMW-SS26 Datasheet
558Kb / 3P
20V-200V 2A
SS32 UMW-SS32 Datasheet
636Kb / 3P
20V-200V 3.0A
SS32 UMW-SS32_V01 Datasheet
500Kb / 2P
20V-200V 3.0A
SS32BF UMW-SS32BF Datasheet
648Kb / 3P
20V-200V 3.0A
SS32F UMW-SS32F Datasheet
774Kb / 3P
20V-200V 3A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com