Electronic Components Datasheet Search
  English  ▼

X  

SS32 Datasheet(PDF) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # SS32
Description  20V-200V 3.0A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

SS32 Datasheet(HTML) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

  SS32 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. SS32 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. SS32 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ORDERING INFORMATION
www.umw-ic.com
3
友台半导体有限公司
UMW SS32 THRU SS320
20V-200V 3.0A
UMW
R
R
Order Code
Package
Baseqty
Deliverymode
UMW SS32C
SMC
3000
Tape and reel
UMW SS33C
SMC
3000
Tape and reel
UMW SS34
SMC
3000
Tape and reel
UMW SS35C
SMC
3000
Tape and reel
UMW SS36C
SMC
3000
Tape and reel
UMW SS39C
SMC
3000
Tape and reel
UMW SS310C
SMC
3000
Tape and reel
UMW SS315C
SMC
3000
Tape and reel
UMW SS320C
SMC
3000
Tape and reel



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com