Electronic Components Datasheet Search
  English  ▼

X  

SS32 Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # SS32
Description  20V-200V 3.0A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

SS32 Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  SS32 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. SS32 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. SS32 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B
C
FEATURES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MECHANICAL DATA
· Plastic Package has Underwriters Laboratory
Flammability Classification 94V-0
· Metal silicon junction, majority carrier conduction
· For surface mount applications
· Guard ring for overvoltage protection
· Low power loss, high efficiency
· High current capability, Low forward voltage drop
· High surge capability
· For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
· High temperature soldering guaranteed :
250℃/10 seconds at terminals
· Case : JEDEC SM (DO-214A ) molded plastic body
· Terminals : Solder Plate, solderable per
MIL-STD-750, Method 2026
· Polarity : Color band denotes cathode end
· Weight : 0.003 ounce, 0.093 gram
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
SS
32
SS
33
SS
34
SS
35
SS
36
SS
39
SS
310
SS
315
SS
320
Unit
VRRM
20
30
40
50
60
90
100
150
200
V
VRMS
14
21
28
35
42
63
70
105
140
V
VDC
20
30
40
50
60
90
100
150
200
V
IF(AV)
A
TJ
OC
TSTG
OC
- 55 to + 125
- 55 to + 150
-
-
10
5
Note 1: Pluse Test with PW=300 usec, 1% Duty Cycle
0.1
Operating Temperature Range
Storage Temperature Range
- 55 to + 150
mA
0.5
Type Number
Maximum Average Forward Rectified Current
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
OC/W
A
Maximum Instantaneous Forward Voltage (Note 1)
@ 3.0A
TA=25℃
TA=100℃
VF
0.5
0.4
0.75
0.65
0.85
0.70
Typical Thermal Resistance
IR
0.5
V
70
Maximum Reverse Current @ Rated VR TA=25℃
TA=100℃
TA=125℃
0.95
0.80
IFSM
100
RθjL
RθjA
17
55
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
3.0
0.155(3.94)
0.130(3.30)
0.246(6.22)
0.220(5.59)
0.280(7.11)
0.260(6.60)
SMC(DO-214AB)
Cathode Band
0.103(2.62)
0.079(2.06)
0.060(1.52)
0.030(0.76)
0.012(0.305)
0.006(0.152)
0.008(0.2)
0(0)
0.320(8.13)
0.305(7.75)
Dimensions in inches and (millimeters)
UMW SS32 THRU SS320
20V-200V 3.0A
UMW
R
R
www.umw-ic.com
1
友台半导体有限公司
友台半导体有限公司


Similar Part No. - SS32

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SS32 ZOWIE-SS32 Datasheet
53Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SS32 SSE-SS32 Datasheet
16Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
SS32 FAIRCHILD-SS32 Datasheet
82Kb / 4P
3.0 Ampere Schottky Barrier Rectifiers
logo
General Semiconductor
SS32 GE-SS32 Datasheet
39Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SS32 MCC-SS32 Datasheet
354Kb / 2P
3 Amp Schottky Rectifier 20 to 60 Volts
More results

Similar Description - SS32

ManufacturerPart #DatasheetDescription
logo
Rohm
RTR030P02 ROHM-RTR030P02 Datasheet
104Kb / 5P
Switching (-20V, -3.0A)
logo
WILLAS ELECTRONIC CORP
SK32A WILLAS-SK32A Datasheet
812Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V SMA PACKAGE
SK32C WILLAS-SK32C Datasheet
485Kb / 2P
3.0A SCHOTTKY BARRIER RECTIFIERS -20V- 200V SMC PACKAGE
logo
Formosa MS
SR320 FORMOSA-SR320_13 Datasheet
138Kb / 6P
3.0A Axial Leaded Schottky Barrier Rectifiers - 20V-200V
logo
PACELEADER INDUSTRIAL
PFM320-AS PACELEADER-PFM320-AS Datasheet
485Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
logo
AiT Semiconductor Inc.
SM320AF AITSEMI-SM320AF Datasheet
598Kb / 5P
SCHOTTKY DIODES REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 3.0A
REV1.0
SM320B AITSEMI-SM320B Datasheet
392Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 3.0A
REV1.0
SM320BF AITSEMI-SM320BF Datasheet
451Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 3.0A
REV1.1
logo
Guangdong Youtai Semico...
SS32 UMW-SS32_V01 Datasheet
500Kb / 2P
20V-200V 3.0A
SS32BF UMW-SS32BF Datasheet
648Kb / 3P
20V-200V 3.0A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com