Electronic Components Datasheet Search
  English  ▼

X  

MB2377 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MB2377
Description  Dual octal D-type flip-flop with enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2377 Datasheet(HTML) 5 Page - NXP Semiconductors

  MB2377 Datasheet HTML 1Page - NXP Semiconductors MB2377 Datasheet HTML 2Page - NXP Semiconductors MB2377 Datasheet HTML 3Page - NXP Semiconductors MB2377 Datasheet HTML 4Page - NXP Semiconductors MB2377 Datasheet HTML 5Page - NXP Semiconductors MB2377 Datasheet HTML 6Page - NXP Semiconductors MB2377 Datasheet HTML 7Page - NXP Semiconductors MB2377 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Philips Semiconductors Products
Product specification
MB2377
Dual octal D-type flip-flop with enable
August 23, 1993
5
AC CHARACTERISTICS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
Tamb = -40 to
+85oC
VCC = +5.0V +0.5V
UNIT
Min
Typ
Max
Min
Max
fMAX
Maximum clock frequency
1
180
230
180
MHz
tPLH
tPHL
Propagation delay
nCP to nQx
1
1.8
1.8
3.8
3.8
5.3
5.3
1.8
1.8
5.8
5.8
ns
AC SETUP REQUIREMENTS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
Tamb = -40 to +85oC
VCC = +5.0V +0.5V
UNIT
Min
Typ
Min
ts(H)
ts(L)
Setup time, High or Low
nDx to nCP
2
1.0
1.0
0.4
0.3
1.0
1.0
ns
th(H)
th(L)
Hold time, High or Low
nDx to nCP
2
0.5
0.5
–0.3
–0.4
0.5
0.5
ns
ts(H)
ts(L)
Setup time, High or Low
nE to nCP
2
2.5
3.0
1.0
1.5
2.5
3.0
ns
th(H)
th(L)
Hold time, High or Low
nE to nCP
2
0.0
0.0
–1.5
–0.8
0.0
0.0
ns
tw(H)
tw(L)
Clock Pulse width
High or Low
1
2.8
2.8
1.2
1.5
2.8
2.8
ns
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
VM
tPLH
tPHL
VM
VM
VM
nCP
nQx
Waveform 1. Propagation Delay, Clock Input to Output,
Clock Pulse Width and Maximum Clock Frequency
VOH
VOL
1/fMAX
tW(H)
tW(L)
nCP
VM
VM
VM
VM
VM
ts(L)
nE
th = 0
th = 0
ts(H)
nDx
VM
ts
th
Waveform 2. Data and Enable Setup and Hold Times
VM
NOTE: The shaded areas indicate when the input is permitted to change for predictable output performance.
VM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com