Electronic Components Datasheet Search
  English  ▼

X  

MB2377 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MB2377
Description  Dual octal D-type flip-flop with enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2377 Datasheet(HTML) 1 Page - NXP Semiconductors

  MB2377 Datasheet HTML 1Page - NXP Semiconductors MB2377 Datasheet HTML 2Page - NXP Semiconductors MB2377 Datasheet HTML 3Page - NXP Semiconductors MB2377 Datasheet HTML 4Page - NXP Semiconductors MB2377 Datasheet HTML 5Page - NXP Semiconductors MB2377 Datasheet HTML 6Page - NXP Semiconductors MB2377 Datasheet HTML 7Page - NXP Semiconductors MB2377 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Philips Semiconductors Products
Product specification
MB2377
Dual octal D-type flip-flop with enable
1
August 23, 1993
853-1666 10588
FEATURES
• Ideal for addressable register applications
• Two 8-bit positive edge-triggered registers
• Two Enable inputs for address and data
synchronization applications
• Power-up reset
• Output capability: +64mA/–32mA
• Latch-up protection exceeds 500mA per
Jedec JC40.2 Std 17
• ESD protection exceeds 2000 V per MIL
STD 883 Method 3015 and 200 V per
Machine Model
DESCRIPTION
The MB2377 high-performance BiCMOS
device combines low static and dynamic
power dissipation with high speed and high
output drive.
The MB2377 has two 8-bit, edge triggered
registers, with individual D inputs and Q
outputs. The common buffered clock (1CP or
2CP) input will load a set of eight flip-flops
simultaneously when the corresponding
Enable (1E or 2E) input is Low.
The registers are fully edge triggered. The
state of each D input, one set-up time before
the Low-to-High clock transition, is
transferred to the corresponding flip-flop’s Q
output.
The nE inputs must be stable one setup time
prior to the Low-to-High clock transition for
predictable operation.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
nCP to nQx
CL = 50pF; VCC = 5V
4.8
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
52-pin plastic Quad Flat Pack (QFP)
-40
°C to +85°C
MB2377BB
1418B
PIN CONFIGURATION
LOGIC SYMBOL
49
48
1Q0 1Q1 1Q2
52
51
1Q3
44
43
41
40
1D0 1D1 1D2 1D3
45
47
3
2
1Q4 1Q5 1Q6
6
5
1Q7
38
37
35
34
1D4 1D5 1D6 1D7
1CP
1E
9
8
2Q0 2Q1 2Q2
12
11
2Q3
32
31
29
28
2D0 2D1 2D2 2D3
21
19
15
14
2Q4 2Q5 2Q6
18
17
2Q7
26
25
23
22
2D4 2D5 2D6 2D7
2CP
2E
19
22
20
23
17
16
25
26
24
15
14
21
18
1Q7
2Q1
GND
GND
GND
1Q5
2Q3
VCC
2Q2
1Q4
2Q0
1Q6
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
47
44
46
43
49
50
41 40
42
51
52
45
48
1D7
2D1
GND
GND
GND
1D5
2D3
VCC
2D2
1D4
2D0
1D6
VCC
39
38
37
36
35
34
33
32
31
30
29
28
27
MB2377
52-pin PQFP


Similar Part No. - MB2377

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MB2373 PHILIPS-MB2373 Datasheet
115Kb / 11P
Dual octal transparent latch 3-State
August 23, 1993
MB2373BB PHILIPS-MB2373BB Datasheet
115Kb / 11P
Dual octal transparent latch 3-State
August 23, 1993
MB2374 PHILIPS-MB2374 Datasheet
80Kb / 12P
Dual octal D-type flip-flop; positive-edge trigger (3-State)
August 23, 1993
MB2374BB PHILIPS-MB2374BB Datasheet
80Kb / 12P
Dual octal D-type flip-flop; positive-edge trigger (3-State)
August 23, 1993
More results

Similar Description - MB2377

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS377 MOTOROLA-SN54LS377 Datasheet
250Kb / 7P
OCTAL D FLIP-FLOP WITH ENABLE; HEX D FLIP-FLOP WITH ENABLE; 4-BIT D FLIP-FLOP WITH ENABLE
logo
National Semiconductor ...
54FCT377 NSC-54FCT377 Datasheet
151Kb / 8P
Octal D-Type Flip-Flop with Clock Enable
logo
NXP Semiconductors
74ABT377A PHILIPS-74ABT377A Datasheet
55Kb / 12P
Octal D-type flip-flop with enable
1997 Feb 26
74F377A PHILIPS-74F377A Datasheet
84Kb / 10P
Octal D-type flip-flop with enable
1996 Mar 12
logo
Texas Instruments
SN74F377A TI-SN74F377A Datasheet
69Kb / 5P
OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
NXP Semiconductors
74AC11377 PHILIPS-74AC11377 Datasheet
177Kb / 7P
OCTAL D TYPE FLIP FLOP WITH ENABLE
July 30 1990
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377_08 Datasheet
426Kb / 13P
Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
74AC11377 TI1-74AC11377_10 Datasheet
107Kb / 8P
OCTAL D TYPE FLIP FLOP WITH ENABLE
74ACT11377 TI1-74ACT11377_10 Datasheet
87Kb / 6P
OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com