Electronic Components Datasheet Search
  English  ▼

X  

H802 Datasheet(PDF) 1 Page - INEOS Styrolution Group GmbH Mainzer LandstraBe

Part # H802
Description  Acrylonitrile Butadiene Styrene (ABS)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INEOS [INEOS Styrolution Group GmbH Mainzer LandstraBe]
Direct Link  https://www.ineos-styrolution.com/index.html
Logo INEOS - INEOS Styrolution Group GmbH Mainzer LandstraBe

H802 Datasheet(HTML) 1 Page - INEOS Styrolution Group GmbH Mainzer LandstraBe

  H802 Datasheet HTML 1Page - INEOS Styrolution Group GmbH Mainzer LandstraBe H802 Datasheet HTML 2Page - INEOS Styrolution Group GmbH Mainzer LandstraBe H802 Datasheet HTML 3Page - INEOS Styrolution Group GmbH Mainzer LandstraBe  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Novodur H802
Acrylonitrile Butadiene Styrene (ABS)
Contact us:
Phone +49 (2133) 9309 – 168
INSTY.emea@ineos.com
www.ineos-styrolution.com
Page 1 of 3
Revision Date: 2016.01.17
APPLICATIONS
Automotive rear lamp housings
Automotive decorations
FEATURES
High heat resistance
High stiffness
Premium paintable
DESCRIPTION
Novodur® H802 is a high heat injection molding grade with high stiffness, especially suitable for being painted.
Property, Test Condition
Standard
Unit
Values
Rheological Properties
Melt Volume Rate 220 °C/10 kg
ISO 1133
cm³/10 min
9.5
Mechanical Properties
Izod Notched Impact Strength, 23 °C
ISO 180/A
kJ/m²
18
Izod Notched Impact Strength, -30 °C
ISO 180/A
kJ/m²
8
Charpy Notched Impact Strength, 23° C
ISO 179/1eA
kJ/m²
18
Charpy Notched Impact Strength, -30 °C
ISO 179/1eA
kJ/m²
8
Charpy Unnotched, 23 °C
ISO 179/1eU
kJ/m²
100
Charpy Unnotched, -30 °C
ISO 179/1eU
kJ/m²
80
Tensile Stress at Yield, 23 °C
ISO 527
MPa
51
Tensile Strain at Yield, 23 °C
ISO 527
%
2.8
Tensile Modulus
ISO 527
MPa
2700
Flexural Strength, 23 °C
ISO 178
MPa
80
Flexural Modulus, 23 °C
ISO 178
MPa
2700
Hardness, Ball Indentation
ISO 2039-1
MPa
115
Tensile Strain at Break, 23 °C
ISO 527
%
> 15
Thermal Properties
Vicat Softening Temperature, VST/B/120 (50N, 120 °C/h)
ISO 306
°C
110
Vicat Softening Temperature VST/B/50 (50N, 50 °C/h)
ISO 306
°C
108


Similar Part No. - H802

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H8020 RENESAS-H8020 Datasheet
4Mb / 684P
Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
H8020S RENESAS-H8020S Datasheet
4Mb / 684P
Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
H8021 RENESAS-H8021 Datasheet
4Mb / 684P
Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
H8021S RENESAS-H8021S Datasheet
4Mb / 684P
Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
H8022 RENESAS-H8022 Datasheet
4Mb / 684P
Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
More results

Similar Description - H802

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
168SA ETC1-168SA Datasheet
66Kb / 1P
1,3-BUTADIENE
logo
FIBOX Enclosing innovat...
6081301 FIBOX-6081301 Datasheet
65Kb / 2P
Enclosure, ABS
09.01.2023
6081302 FIBOX-6081302 Datasheet
65Kb / 2P
Enclosure, ABS
09.01.2023
6081320 FIBOX-6081320 Datasheet
67Kb / 2P
Enclosure, ABS
10.01.2023
6081916 FIBOX-6081916 Datasheet
67Kb / 2P
Enclosure, ABS
10.01.2023
6081922 FIBOX-6081922 Datasheet
67Kb / 2P
Enclosure, ABS
10.01.2023
6081931 FIBOX-6081931 Datasheet
466Kb / 2P
Enclosure, ABS
19.01.2023
6082303 FIBOX-6082303 Datasheet
46Kb / 2P
Enclosure, ABS
09.01.2023
6082307 FIBOX-6082307 Datasheet
426Kb / 2P
Enclosure, ABS
09.01.2023
6082901 FIBOX-6082901 Datasheet
69Kb / 2P
Enclosure, ABS
09.01.2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com