Electronic Components Datasheet Search
  English  ▼

X  

H802 Datasheet(PDF) 3 Page - INEOS Styrolution Group GmbH Mainzer LandstraBe

Part # H802
Description  Acrylonitrile Butadiene Styrene (ABS)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INEOS [INEOS Styrolution Group GmbH Mainzer LandstraBe]
Direct Link  https://www.ineos-styrolution.com/index.html
Logo INEOS - INEOS Styrolution Group GmbH Mainzer LandstraBe

H802 Datasheet(HTML) 3 Page - INEOS Styrolution Group GmbH Mainzer LandstraBe

  H802 Datasheet HTML 1Page - INEOS Styrolution Group GmbH Mainzer LandstraBe H802 Datasheet HTML 2Page - INEOS Styrolution Group GmbH Mainzer LandstraBe H802 Datasheet HTML 3Page - INEOS Styrolution Group GmbH Mainzer LandstraBe  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Novodur H802
Acrylonitrile Butadiene Styrene (ABS)
Contact us:
Phone +49 (2133) 9309 – 168
INSTY.emea@ineos.com
www.ineos-styrolution.com
Page 3 of 3
Revision Date: 2016.01.17
SUPPLY FORM
Novodur® is delivered in the form of cylindrical, spherical, or cubical pellets. The bulk density of the pellets is from 0.55 to 0.65 g/cm³. Values
may differ for special grades. Standard Packaging unit: 25 kg PE-bag on palette, shrunk or wrapped with PE film. In addition, delivery in larger
units of up to 1000 kg (IBC = Intermediate Bulk Container) or silo trucks can be arranged. In dry areas with normal temperature control,
Novodur pellets can be stored for relatively long periods of time without any change in mechanical properties. With unstable colors, however,
storage over a number of years can give rise to some change in color. Under poor storage conditions, Novodur absorbs moisture, but this can
be removed by drying.
PRODUCT SAFETY
No adverse effects on the health of processing personnel have been observed where the products are correctly processed and the production
areas are suitably ventilated. For styrene, alpha-methylstyrene, acrylonitrile, and butyl acrylate the maximum allowable workplace
concentrations must be observed according to the pertaining national regulations. In Germany, the following limit values are valid TRGS 900
(Aug. 2004): styrene, MAK-value: 20 ml/m³; alpha-methylstyrene, MAK-value: 100 ml/m³; acrylonitrile, TRK-value: 3 ml/m³, and butyl acrylate,
MAK-value: 2 ml/m³ (1.7.2004). According to EU directive 67/548/EEC, Annex I (2001), acrylonitrile is classified as carcinogenic, category 2
(´substances which should be regarded as if they are carcinogenic to man´). Experience has shown that when Novodur® is processed
correctly with appropriate ventilation, the levels are far below the limits mentioned above. Inhalation of the vapors of degradation products
which can arise on severe overheating of the materials or during purging out should be avoided. Further information can be found in the
Novodur safety data sheets.
DISCLAIMER
The aforementioned data shall constitute the agreed contractual quality of the product sold by INEOS Styrolution at the time of passing of risk.
INEOS Styrolution does not make any further warranty, representation or guarantee of any kind, express or implied, regarding the suitability of
the product for any particular purpose or application and INEOS Styrolution disclaims all liability in connection therewith. The customer himself
is required to verify whether or not the product is suitable for the further processing or application intended and whether or not the product
complies with the relevant statutory requirements. Unless explicitly and individually otherwise agreed in writing, INEOS Styrolution's sole and
exclusive liability with respect to its products is set forth in INEOS Styrolution's General Terms and Conditions for Sale.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com