Electronic Components Datasheet Search
  English  ▼

X  

MB2623 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MB2623
Description  16-bit transceiver with dual enable, non-inverting 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2623 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MB2623 Datasheet HTML 4Page - NXP Semiconductors MB2623 Datasheet HTML 5Page - NXP Semiconductors MB2623 Datasheet HTML 6Page - NXP Semiconductors MB2623 Datasheet HTML 7Page - NXP Semiconductors MB2623 Datasheet HTML 8Page - NXP Semiconductors MB2623 Datasheet HTML 9Page - NXP Semiconductors MB2623 Datasheet HTML 10Page - NXP Semiconductors MB2623 Datasheet HTML 11Page - NXP Semiconductors MB2623 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Philips Semiconductors
Product specification
MB2623
16-bit transceiver with dual enable, non-inverting
(3-State)
1998 Jan 16
9
–3
–2
–1
0
1
2
3
4
5
6
7
8
9
0
50
100
150
200
tTLH vs Temperature (Tamb)
CL = 50pF, 1 Output Switching
°C
4.5VCC
5.5VCC
Adjustment of tTLH for
Load Capacitance and # of Outputs Switching
pF
1
2
3
4
–55
–35
–15
5
25
45
65
85
105
125
16 switching
8 switching
1 switching
VOHV and VOLP vs Load Capacitance
VCC = 5V, VIN = 0 to 3V
125
°C
25
°C
–55
°C
VOHP and VOLV vs Load Capacitance
VCC = 5V, VIN = 0 to 3V
125
°C
25
°C
–55
°C
125
°C
25
°C
–55
°C
125
°C
25
°C
–55
°C
tTHL vs Temperature (Tamb)
CL = 50pF, 1 Output Switching
°C
4.5VCC
5.5VCC
1
1.5
2.0
2.5
3.0
–55
–35
–15
5
25
45
65
85
105
125
–2
–1
0
1
2
3
4
5
0
50
100
150
200
Adjustment of tTHL for
Load Capacitance and # of Outputs Switching
pF
16 switching
8 switching
1 switching
–1
–0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
50
100
150
200
–2
–1
0
1
2
3
4
5
6
0
50
100
150
200
pF
pF
SB00110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com