Electronic Components Datasheet Search
  English  ▼

X  

MB2623 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MB2623
Description  16-bit transceiver with dual enable, non-inverting 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2623 Datasheet(HTML) 2 Page - NXP Semiconductors

  MB2623 Datasheet HTML 1Page - NXP Semiconductors MB2623 Datasheet HTML 2Page - NXP Semiconductors MB2623 Datasheet HTML 3Page - NXP Semiconductors MB2623 Datasheet HTML 4Page - NXP Semiconductors MB2623 Datasheet HTML 5Page - NXP Semiconductors MB2623 Datasheet HTML 6Page - NXP Semiconductors MB2623 Datasheet HTML 7Page - NXP Semiconductors MB2623 Datasheet HTML 8Page - NXP Semiconductors MB2623 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
MB2623
16-bit transceiver with dual enable, non-inverting
(3-State)
2
1998 Jan 16
853–1575 18869
FEATURES
• Two 8-bit bidirectional bus interfaces
• 3-State buffers
• Power-up 3-State
• Multiple V
CC and GND pins minimize switching noise
• Output capability: +64mA/–32mA
• Latch-up protection exceeds 500mA per Jedec Std 17
• ESD protection exceeds 2000 V per MIL STD 883 Method 3015
and 200 V per Machine Model
• Inputs are disabled during 3-State mode
DESCRIPTION
The MB2623 high-performance BiCMOS device combines low
static and dynamic power dissipation with high speed and high
output drive.
The MB2623 is a 16-bit transceiver featuring non-inverting 3-State
bus compatible outputs in both send and receive directions. The
MB2623 is designed for asynchronous two-way communication
between data buses.
The control function implementation allows for maximum flexibility in
timing. This device allows data transmission from the A bus to the B
bus or from the B bus to the A bus, depending upon the logic levels
at the Enable inputs (nOEBA and nOEAB). The Enable inputs can
be used to disable the device so that the buses are effectively
isolated.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
nAx to nBx, or nBx to nAx
CL = 50pF; VCC = 5V
3.2
3.1
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
CI/O
I/O capacitance
VO = 0V or VCC; 3-State
7
pF
ICCZ
Total supply current
Outputs disabled; VCC =5.5V
50
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
52–pin plastic Quad Flat Pack
–40
°C to +85°C
MB2623 BB
MB2623 BB
SOT379-1
LOGIC SYMBOL
19
22
20
23
17
16
25
26
2A5
15
14
21
18
1B7
2B1
GND
GND
GND
1B5
2B3
VCC
2B2
1B4
2B0
1B6
VCC
1
2
3
4
5
6
7
8
9
10
11
12
13
47
44
46
43
49
50
41 40
42
51
52
45
48
1A7
2A1
GND
GND
GND
1A5
2A3
VCC
2A2
1A4
2A0
1A6
VCC
39
38
37
36
35
34
33
32
31
30
29
28
27
52-pin PQFP
SB00104
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
44, 43, 41, 40,
38, 37, 35, 34,
32, 31, 29, 28,
26, 25, 23, 22
1A0 – 1A7
2A0 – 2A7
Data inputs/outputs (A
side)
48, 49, 51, 52,
2, 3, 5, 6,
8, 9, 11, 12,
14, 15, 17, 18
1B0 – 1B7
2B0 – 2B7
Data inputs/outputs (B
side)
47, 19
1OEAB, 2OEAB
Output enable inputs
(active-High)
45, 21
1OEBA, 2OEBA
Output enable inputs
(active-Low)
4, 7, 10, 16,
20, 24, 30, 33,
36, 42, 46, 50
GND
Ground (0V)
1, 13, 27, 39
VCC
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com