Electronic Components Datasheet Search
  English  ▼

X  

SS32F Datasheet(PDF) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # SS32F
Description  20V-200V 3A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

SS32F Datasheet(HTML) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

  SS32F Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. SS32F Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. SS32F Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ORDERING INFORMATION
www.umw-ic.com
3
友台半导体有限公司
UMW SS32F THRU SS320F
20V-200V 3A
UMW
R
R
Order Code
Package
Baseqty
Deliverymode
UMW SS32F
SMAF
3000
Tape and reel
UMW SS34F
SMAF
3000
Tape and reel
UMW SS36F
SMAF
3000
Tape and reel
UMW SS38F
SMAF
3000
Tape and reel
UMW SS310F
SMAF
3000
Tape and reel
UMW SS312F
SMAF
3000
Tape and reel
UMW SS315F
SMAF
3000
Tape and reel
UMW SS320F
SMAF
3000
Tape and reel



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com