Electronic Components Datasheet Search
  English  ▼

X  

ST485EBDR Datasheet(PDF) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # ST485EBDR
Description  Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

ST485EBDR Datasheet(HTML) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

  ST485EBDR Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. ST485EBDR Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. ST485EBDR Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. ST485EBDR Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. ST485EBDR Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. ST485EBDR Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = 5V ±5%, TA = TMIN to TMAX, unless otherwise noted.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DE = VCC
500
900
RE = 0V or VCC
300
500
No-Load Supply Current
(Note 3)
ICC
DE = 0V
µA
Driver Short-Circuit Current,
IOSD1
-7V ≤ VO ≤ 12V (Note 4)
35
250
mA
VO = High
Driver Short-Circuit Current,
IOSD2
-7V ≤ VO ≤12V (Note 4)
35
250
mA
VO = Low
Receiver Short-Circuit Current
IOSR
0V ≤ VO ≤ VCC
7
95
mA
SWITCHING CHARACTERISTICS
(VCC = 5V ±5%, TA = TMIN to TMAX, unless otherwise noted.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
tPLH
RDIFF = 54
Ω
10
30
60
Driver Input to Output
tPHL
CL1 = CL2 = 100pF
10
30
60
ns
Driver Output Skew to Output
tSKEW
RDIFF = 54
Ω, CL1 = CL2 = 100pF
5
10
ns
Driver Enable to Output High
tZH
CL= 100pF, S2 closed
40
70
ns
Driver Enable to Output Low
tZL
CL= 100pF, S1 closed
40
70
ns
Driver Disable Time from Low
tLZ
CL= 15pF, S1 closed
40
70
ns
Driver Disable Time from High
tHZ
CL= 15pF, S2 closed
40
70
ns
| tPLH - tPHL | Differential
tSKD
RDIFF = 54
Ω
13
ns
Receiver Skew
CL1 = CL2 = 100pF
Receiver Enable to Output
Low
tZL
CRL = 15pF, S1 closed
20
50
ns
Receiver Enable to Output
High
tZH
CRL = 15pF, S2 closed
20
50
ns
Receiver Disable Time from
Low
tLZ
CRL = 15pF, S1 closed
20
50
ns
Receiver Disable Time from
High
tHZ
CRL = 15pF, S2 closed
20
50
ns
Maximum Data Rate
fMAX
2.5
Mbps
www.umw-ic.com
3
UTD Semiconductor Co.,Limited
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
UMW
ST485E
R



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com