Electronic Components Datasheet Search
  English  ▼

X  

ST485EBDR Datasheet(PDF) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # ST485EBDR
Description  Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

ST485EBDR Datasheet(HTML) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

  ST485EBDR Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. ST485EBDR Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. ST485EBDR Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. ST485EBDR Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. ST485EBDR Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. ST485EBDR Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Operation timing diagrams of ST485
Table of ST485 operation
Transmission
Receipt
Inputs
Outputs
X
Inputs
Outputs
RE
DE
DI
Z
Y
RE
DE
A-B
RO
X
1
1
0
1
0
0
+0.2V
1
X
1
0
1
0
0
0
-0.2V
0
0
0
X
Z
Z
0
0
open
1
1
0
X
Z
Z
1
0
X
Z
X-don’t care
Z-high resistance
www.umw-ic.com
4
UTD Semiconductor Co.,Limited
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
UMW
ST485E
R



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com