Electronic Components Datasheet Search
  English  ▼

X  

MB2646 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MB2646
Description  Dual octal bus transceiver/registers 3-State
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2646 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MB2646 Datasheet HTML 4Page - NXP Semiconductors MB2646 Datasheet HTML 5Page - NXP Semiconductors MB2646 Datasheet HTML 6Page - NXP Semiconductors MB2646 Datasheet HTML 7Page - NXP Semiconductors MB2646 Datasheet HTML 8Page - NXP Semiconductors MB2646 Datasheet HTML 9Page - NXP Semiconductors MB2646 Datasheet HTML 10Page - NXP Semiconductors MB2646 Datasheet HTML 11Page - NXP Semiconductors MB2646 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Philips Semiconductors Products
Product specification
MB2646
Dual octal bus transceiver/registers (3-State)
August 23, 1993
8
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
VM
nAx or nBx
VM
VM
VM
VM
VM
nCPBA or
nCPAB
ts(H)
th(H)
ts(L)
th(L)
nOE, nDIR
VM
tPZH
tPHZ
0V
VOH –0.3V
tPZL
tPLZ
0V
VOL +0.3V
VM
VM
VM
VM
VM
NOTE: The shaded areas indicate when the input is permitted to change for predictable output performance.
nSBA or nSAB
VM
tPLH
tPHL
VM
VM
VM
nAx or nBx
VM
tPHL
tPLH
VM
VM
VM
nSBA or
nSAB
nAx or nBx
nAx or nBx
nOE, nDIR
nAx or nBx
nDIR
nDIR
VM
VM
VM
VM
VM
1/fMAX
tw(H)
tw(L)
tPHL
tPLH
nCPBA or
nCPAB
nAx or nBx
nAx or nBx
nAx or nBx
Waveform 1. Propagation Delay, Clock Input to Output,
Clock Pulse Width, and Maximum Clock Frequency
Waveform 2. Propagation Delay, nSAB to nBx or
nSBA to nAx, nAx to nBx or nBx to nAx
Waveform 3. Propagation Delay, nSBA to nAx or nSAB to nBx
Waveform 4. Data Setup and Hold Times
Waveform 5. 3-State Output Enable Time to High Level
and Output Disable Time from High Level
Waveform 6. 3-State Output Enable Time to Low Level
and Output Disable Time from Low Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com