Electronic Components Datasheet Search
  English  ▼

X  

MB2646 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MB2646
Description  Dual octal bus transceiver/registers 3-State
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2646 Datasheet(HTML) 1 Page - NXP Semiconductors

  MB2646 Datasheet HTML 1Page - NXP Semiconductors MB2646 Datasheet HTML 2Page - NXP Semiconductors MB2646 Datasheet HTML 3Page - NXP Semiconductors MB2646 Datasheet HTML 4Page - NXP Semiconductors MB2646 Datasheet HTML 5Page - NXP Semiconductors MB2646 Datasheet HTML 6Page - NXP Semiconductors MB2646 Datasheet HTML 7Page - NXP Semiconductors MB2646 Datasheet HTML 8Page - NXP Semiconductors MB2646 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Philips Semiconductors Products
Product specification
MB2646
Dual octal bus transceiver/registers (3-State)
1
August 23, 1993
853-1617 10589
FEATURES
• Independent registers for A and B buses
• Multiple V
CC and GND pins minimize
switching noise
• Live insertion/extraction permitted
• Power-up 3-State
• Power-up reset
• Multiplexed real-time and stored data
• Outputs sink 64mA and source 32mA
• Latch-up protection exceeds 500mA per
Jedec JC40.2 Std 17
• ESD protection exceeds 2000V per MIL
STD 883 Method 3015 and 200V per
Machine Model
DESCRIPTION
The MB2646 high-performance BiCMOS
device combines low static and dynamic
power dissipation with high speed and high
output drive.
The MB2646 dual transceiver/register
consists of two sets of bus transceiver
circuits with 3-State outputs, D-type flip-flops,
and control circuitry arranged for multiplexed
transmission of data directly from the input
bus or from the internal registers. Data on the
A or B bus will be clocked into the registers
as the appropriate clock pin goes High.
Output Enable (nOE) and Direction (nDIR)
pins are provided to control the transceiver
function. In the transceiver mode, data
present at the high impedance port may be
stored in either the A or B register or both.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
nAx to nBx
CL = 50pF; VCC = 5V
3.2
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
CI/O
I/O capacitance
VO = 0V or VCC; 3-State
7
pF
ICCZ
Total supply current
Outputs disabled; VCC = 5.5V
500
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
52-pin plastic Quad Flat Pack
-40
°C to +85°C
MB2646BB
1418B
PIN CONFIGURATION
LOGIC SYMBOL
19
22
20
23
17
16
25
26
24
15
14
21
18
1A2
1A3
1A4
GND
1A5
1A6
1A7
2A0
2A1
2A2
2A3
2A4
2A5
1
2
3
4
5
6
7
8
9
10
11
12
13
47
44
46
43
49
50
41 40
42
51
52
45
48
1B2
1B3
1B4
1B5
1B6
1B7
2B0
2B1
2B2
GND
2B3
2B4
2B5
39
38
37
36
35
34
33
32
31
30
29
28
27
MB2646
52-pin PQFP
42
41
39
38
37
36
35
34
1B0 1B1 1B2 1B3 1B4 1B5 1B6 1B7
50
51
1
2
3
5
6
7
1A0 1A1 1A2 1A3 1A4 1A5 1A6 1A7
48
49
1CPAB
1SAB
47
1DIR
45
1CPBA
33
32
31
29
28
27
25
24
2B0 2B1 2B2 2B3 2B4 2B5 2B6 2B7
8
9
10
11
12
13
15
16
2A0 2A1 2A2 2A3 2A4 2A5 2A6 2A7
19
18
2CPAB
2SAB
20
2DIR
22
2CPBA
44
1SBA
46
1OE
23
2SBA
21
2OE


Similar Part No. - MB2646

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MB26 PANJIT-MB26 Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
MB26 ZSELEC-MB26 Datasheet
112Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SeCoS Halbleitertechnol...
MB260F-C SECOS-MB260F-C Datasheet
293Kb / 2P
2Amp Surface Mount Bridge Rectifiers
logo
Murata Manufacturing Co...
MB26101BAN MURATA-MB26101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
MB26101BBN MURATA-MB26101BBN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MB2646

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MB2652 PHILIPS-MB2652 Datasheet
162Kb / 15P
Dual octal transceiver/registers, non-inverting 3-State
August 23, 1993
logo
STMicroelectronics
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
OCTAL BUS TRANSCEIVER 3-STATE
Apr-2001
logo
Texas Instruments
74AC11652 TI-74AC11652 Datasheet
144Kb / 9P
OCTAL BUS TRANSCEIVER AND REGISTERS WITH 3-STATE OUTPUTS
CD54-74AC646 TI-CD54-74AC646 Datasheet
263Kb / 8P
OCTAL-BUS TRANSCEIVER/REGISTERS, 3-STATE
CD54-74AC651 TI-CD54-74AC651 Datasheet
276Kb / 8P
OCTAL-BUS TRANSCEIVER/REGISTERS, 3-STATE
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
OCTAL 3-STATE BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
Octal Bus Transceiver (3-state)
logo
Texas Instruments
CD74ACT646EN TI1-CD74ACT646EN Datasheet
996Kb / 15P
OCTAL-BUS TRANSCEIVER/REGISTERS, 3-STATE
74AC11652 TI1-74AC11652_11 Datasheet
190Kb / 11P
OCTAL BUS TRANSCEIVER AND REGISTERS WITH 3-STATE OUTPUTS
CD54AC646 TI1-CD54AC646_15 Datasheet
909Kb / 14P
Octal-Bus Transceiver/Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com