Electronic Components Datasheet Search
  English  ▼

X  

TL431L Datasheet(PDF) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TL431L
Description  Adjustable Precision Shunt Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TL431L Datasheet(HTML) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

  TL431L Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. TL431L Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. TL431L Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. TL431L Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. TL431L Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. TL431L Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. TL431L Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. TL431L Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. TL431L Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Electrical Characteristics
(Ta=25 °C, VKA=VREF, IK=10mA unless otherwise noted .)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
0.5%
2.483
2.495
2.508
VREF
Reference
input Voltage
VKA=VREF,
IK=10mA
V
VREF(dev)
Deviation of
Reference Input
Voltage Over Full
Temperature Range
Tmin≦Ta≦Tmax
-
3
17
mV
△
VKA=10V-VREF
-0.4
-
2.7
△
VREF
/△VKA
Ratio of change in
Reference input Voltage to
the Change in Cathode
Voltage
△
VKA=36V-10V
-0.4
-
2.0
mV/
V
IREF
Reference Input Current
R1=10KΩ, R2=∞
-
1.8
4
uA
IREF(dev)
Deviation of Reference
Input Current Over Full
Temperature Range
R1=10KΩ, R2=∞
-
0.4
1.2
uA
IK(min)
Minimum Cathode
Current for Regulation
-
0.25
0.5
mA
IK(off)
Off-State Cathode Current VKA=40V, VREF=0
-
0.17
0.9
uA
TL431xx
-
0.27
0.5
ZKA
Dynamic
Impedance
IK=1mA to 100mA
f≦1.0KHz
Ω
www.umw-ic.com
友台半导体有限公司
UMW
R
TL431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com