Electronic Components Datasheet Search
  English  ▼

X  

TL431L Datasheet(PDF) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TL431L
Description  Adjustable Precision Shunt Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TL431L Datasheet(HTML) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

  TL431L Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. TL431L Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. TL431L Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. TL431L Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. TL431L Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. TL431L Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. TL431L Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. TL431L Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. TL431L Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Test Circuit
Typical Application Circuits
Notes for Typical Application Circuits:
1. For the series regulator applications, add a compensation capacitor C1 between
CATHODE and REF is strongly recommended to improve the stability of output
voltage.
2. Set Vo according to the following equation: Vo=VREF(1+R1/R2)+IREFxR1.
3. Choose the Value for RB as below:
B
(1). The maximum limit for RB should be such that the cathode current (I
B
K) is greater
than the minimum operating current (0.5mA) at VIN(MIN).
(2). The minimum limit for RB should be such that the cathode current (I
B
K) does not
exceed 100mA under all load conditions, and the instantaneous turn-on value for
IK does not exceed 120mA.
www.umw-ic.com
友台半导体有限公司
UMW
R
TL431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com