Electronic Components Datasheet Search
  English  ▼

X  

TMP75 Datasheet(PDF) 9 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TMP75
Description  1.8V Digital Temperature Sensor with I 2C Interface and Alarm Function
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TMP75 Datasheet(HTML) 9 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button TMP75 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. TMP75 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. TMP75 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. TMP75 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. TMP75 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. TMP75 Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. TMP75 Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. TMP75 Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. TMP75 Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
54 ms
26 ms
26 ms
Startup
Start of
Conversion
Figure 4. Conversion Diagram
Functional Modes
Continuous Mode
The default mode of the TMP75 is continuous conversion, where the ADC performs continuous temperature
conversions and stores each result to the Temperature register, overwriting the result from the previous conversion.
The typical conversion rate of TMP75 is 12 Hz, with 80 ms between the start of each consecutive conversion. The
TMP75 has a typical conversion time of 26 ms. To achieve its conversion rates, the TMP75 makes a conversion, and
then powers down and waits for a delay 54 ms.
After power-up, the TMP75 immediately starts a conversion, as shown in Figure 4. The first result is available
after 26 ms (typical). The active quiescent current during conversion is 40 μA (typical at +25°C). The quiescent current
during delay is 2.2 μA (typical at +25°C).
Shutdown Mode
The shutdown mode saves maximum power by shutting down all device circuitry other than the serial interface,
and reduces current consumption to typically less than 0.5 μA. Shutdown mode is enabled when the SD bit in the
configuration register is set to 1; the device shuts down and terminates a conversion if it is ongoing. When SD is
equal to 0, the device operates in continuous-conversion mode. When shutdown mode is enabled, the ALERT pin
and fault counter clear in both comparator and interrupt modes. The ALERT pin and the fault counter remain clear
until the SD bit is set.
One-Shot Mode
The TMP75 features a one-shot temperature measurement mode. When the device is in continuous conversion
(SD = 0), writing a 1 to the OS bit enables shutdown mode, where any write to the one-shot register triggers a single
temperature conversion. The device returns to the shutdown state at the completion of the single conversion, and a
subsequent write to the one-shot register triggers another single conversion followed by a return to shutdown state.
This mode reduces power consumption in the TMP75 when continuous temperature monitoring is not required.
When the device is in complete shutdown (SD = 1), the one-shot mode is not active regardless of the state of
the OS bit, and a write to the one-shot register has no effect.
UMW R
www.umw-ic.com
9
UTD Semiconductor Co.,Limited
TMP75
1.8V Digital Temperature Sensor with I 2C Interface and Alarm Function
UMW R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com