Electronic Components Datasheet Search
  English  ▼

X  

TMP75 Datasheet(PDF) 13 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TMP75
Description  1.8V Digital Temperature Sensor with I 2C Interface and Alarm Function
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TMP75 Datasheet(HTML) 13 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button TMP75 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. TMP75 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. TMP75 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. TMP75 Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. TMP75 Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. TMP75 Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. TMP75 Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. TMP75 Datasheet HTML 14Page - Guangdong Youtai Semiconductor Co., Ltd. TMP75 Datasheet HTML 15Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Application and Implementation
The TMP75 only requires pull-up resistors on SDA and ALERT, although a pull-up resistor is typically present on
the SCL as well. A 0.1-μF bypass capacitor on the supply is recommended, as shown in Figure 6. The SCL, SDA,
and ALERT lines can be pulled up to a supply that is equal to or higher than V+ through the pull-up resistors. To
configure one of eight different addresses on the bus, connect A0, A1, and A2 to either V+ or GND.
The TMP75 should be placed in close proximity to the heat source to be monitored, with a proper layout for good
thermal coupling. This ensures that temperature changes are captured within the shortest possible time interval. To
maintain accuracy in applications that require air or surface temperature measurement, take care to isolate the
package and leads from ambient air temperature. A thermally-conductive adhesive is helpful in achieving accurate
surface temperature measurement.
Figure 6. Typical Connections of the TMP75
I
2C
Master
SDA
SCL
ALERT
V+
A0
A1
1
3
5k
Ω
0.1
μF
Supply Voltage
1.4V~5.5V
8
7
5
GND
A2
2
4
6
TMP75
UMW R
www.umw-ic.com
13
UTD Semiconductor Co.,Limited
TMP75
1.8V Digital Temperature Sensor with I 2C Interface and Alarm Function
UMW R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com