Electronic Components Datasheet Search
  English  ▼

X  

TP4056 Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TP4056
Description  1A linear lithium-ion battery charger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TP4056 Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  TP4056 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. TP4056 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. TP4056 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. TP4056 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. TP4056 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. TP4056 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. TP4056 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. TP4056 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. TP4056 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
管脚分布
ESOP8
1A线性锂离子电池充电器
TP4056
www.umw-ic.com
2
友台半导体有限公司
管脚描述
管脚号
管脚名
描述
1
TEMP
电池温度检测输入
2
PROG
可编程恒流充电电流设置端
3
GND
地端
4
VCC
电源端
5
BAT
电池端
6
STDBY
电池充电完成指示端
7
CHRG
电池充电指示端
8
CE
芯片使能输入端



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com