Electronic Components Datasheet Search
  English  ▼

X  

TP4056 Datasheet(PDF) 12 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TP4056
Description  1A linear lithium-ion battery charger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TP4056 Datasheet(HTML) 12 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button TP4056 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. TP4056 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. TP4056 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. TP4056 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. TP4056 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. TP4056 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. TP4056 Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. TP4056 Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. TP4056 Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
封装说明:ESOP8
D
e
b
D1
h
R
r3
r1
r2
L
L1
r4
r
SYMBOL
MIN
NOM
MAX
A
1.35
1.55
1.70
A1
0
0.10
0.15
A2
1.25
1.40
1.65
A3
0.50
0.60
0.70
b
0.38
-
0.51
b1
0.37
0.42
0.47
D
4.80
4.90
5.00
D1
3.10
3.30
3.50
E
5.80
6.00
6.20
E1
3.80
3.90
4.00
E2
2.20
2.40
2.60
e
1.17
1.27
1.37
L
0.45
0.60
0.80
L1
1.04REF
L2
0.25BSC
R
0.07
-
-
R1
0.07
-
-
h
0.30
0.40
0.50
r
0°
-
8°
r1
15°
17°
19°
r2
11°
13°
15°
r3
15°
17°
19°
r4
11°
13°
15°
1A线性锂离子电池充电器
TP4056
www.umw-ic.com
12
友台半导体有限公司



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com