Electronic Components Datasheet Search
  English  ▼

X  

608G Datasheet(PDF) 68 Page - SPANSION

Part # 608G
Description  64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and 8 Mbit
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

608G Datasheet(HTML) 68 Page - SPANSION

Back Button 608G Datasheet HTML 62Page - SPANSION 608G Datasheet HTML 63Page - SPANSION 608G Datasheet HTML 64Page - SPANSION 608G Datasheet HTML 65Page - SPANSION 608G Datasheet HTML 66Page - SPANSION 608G Datasheet HTML 67Page - SPANSION 608G Datasheet HTML 68Page - SPANSION 608G Datasheet HTML 69Page - SPANSION 608G Datasheet HTML 70Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 68 / 70 page
background image
May 19, 2003
Am50DL9608G
67
P R E L I M I NARY
REVISION SUMMARY
Revision A (October 7, 2002)
Initial release.
Revision A+1 (October 14, 2002)
Flash DC Characteristics
Added CMOS compatible table.
Revision A+2 (November 5, 2002)
Distinctive Characteristics
Added Pseudo SRAM access time.
Changed power dissipation standby from 70 µA maxi-
mum to 60 µA.
Changed wording from 1 million write cycles to 1 mil-
lion erase cycles.
Product Selector Guide
Removed the 85 ns speed options.
Added a 75 ns speed option.
Removed a f from CE# Access.
Special Package Handling Instructions
Modified wording.
Ordering Information
Modified order numbers and package markings to re-
flect new speed option.
Pseudo SRAM and Operating Characteristics
Changed the typical and maximum of the Average Op-
erating Current (I
CC1s and ICC2s).
Changed the maximum of the Standby Cu rrent
(CMOS) to 70 µA.
Customer Lockable: SecSi Sector NOT
Programmed or Protected at the factory.
Added second bullet, SecSi sector-protect verify text
and figure 3.
SecSi Sector Flash Memory Region, and Enter
SecSi Sector/Exit SecSi Sector Command
Sequence
Added notes, “Note that the ACC function and unlock
bypass modes are not available when the SecSi sector
is enabled.”
Byte/Word Program Command Sequence, Sector
Erase Command Sequence, and Chip Erase Com-
mand Sequence
Added “Note that the SecSi Sector, autoselect, and CFI
functions are unavailable when a [program/erase]
operation is in progress.”
Common Flash Memory Interface (CFI)
Changed wording in last sentence of third paragraph
from, “...the autoselect mode.” to “...reading array
data.”
Changed CFI website address.
Command Definitions
Changed wording in last sentence of first paragraph
from, “...resets the device to reading array data.” to
...”may place the device to an unknown state. A reset
command is then required to return the device to read-
ing array data.”
Table 12. Am29DL640G Command Definitions
Changed the first address of the unlock bypass reset
command sequence from BA to XXX.
CMOS Compatible
Added I
LR parameter to table.
Deleted I
ACC parameter from table.
Changed the maximums of I
CC3f, ICC4f, and ICC5f from
5 µA to 10 µA.
Added Note #6.
Pseudo SRAM DC and Operating Characteristics
Changed the test conditions and maximum for I
SB1
and added the I
SB2 parameter symbol.
Figure 12. Standby Current I
SB CMOS
Added figure.
Revision A+3 (January 2, 2003)
Pseudo SRAM AC Characteristics
Write Cycle table: Changed t
DW to 40 ns.
Physical Dimensions
Deleted A1 specification from table.
Revision A+4 (May 19, 2003)
pSRAM Data Retention, Figure 33. CE#1 Controlled
Data Retention Mode, and Figure 34. CE2s
Controlled Data Retention Mode
Removed table and figures from data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com