Electronic Components Datasheet Search
  English  ▼

X  

608G Datasheet(PDF) 2 Page - SPANSION

Part # 608G
Description  64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and 8 Mbit
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

608G Datasheet(HTML) 2 Page - SPANSION

  608G Datasheet HTML 1Page - SPANSION 608G Datasheet HTML 2Page - SPANSION 608G Datasheet HTML 3Page - SPANSION 608G Datasheet HTML 4Page - SPANSION 608G Datasheet HTML 5Page - SPANSION 608G Datasheet HTML 6Page - SPANSION 608G Datasheet HTML 7Page - SPANSION 608G Datasheet HTML 8Page - SPANSION 608G Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
PRELIMINARY
This document contains information on a product under development at Advanced Micro Devices. The information
is intended to help you evaluate this product. AMD reserves the right to change or discontinue work on this proposed
product without notice. 5/19/03
Publication# 27025
Rev:A Amendment/+4
Issue Date: May 19, 2003
Refer to AMD’s Website (www.amd.com) for the latest information.
Am50DL9608G
Stacked Multi-Chip Package (MCP) Flash Memory and Pseudo SRAM
64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit)
CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and
8 Mbit (512 K x 16-Bit) Pseudo Static RAM
DISTINCTIVE CHARACTERISTICS
MCP Features
■ Power supply voltage of 2.7 to 3.3 volt
■ High performance
— Flash access time as fast as 70 ns
— Pseudo SRAM access time as fast as 55 ns
■ Package
— 73-Ball FBGA
■ Operating Temperature
— –40°C to +85°C
Flash Memory Features
(Am29DL640G/Am29DL320G)
— Features apply to Am29DL640G and Am29DL320G
independently.
ARCHITECTURAL ADVANTAGES
■ Simultaneous Read/Write operations
— Data can be continuously read from one bank while
executing erase/program functions in another bank.
— Zero latency between read and write operations
■ Flexible Bank
 architecture
— Read may occur in any of the three banks not being written
or erased.
— Four banks may be grouped by customer to achieve desired
bank divisions.
■ Manufactured on 0.17 µm process technology
■ SecSi™ (Secured Silicon) Sector
— Extra 256 byte sector on Am29DL640G
— Extra 256 byte sector on Am29DL320G
— Factory locked and identifiable: 16 bytes available for
secure, random factory Electronic Serial Number; verifiable
as factory locked through autoselect function. ExpressFlash
option allows entire sector to be available for
factory-secured data
— Customer lockable: Sector is one-time programmable.
Once sector is locked, data cannot be changed.
■ Zero Power Operation
— Sophisticated power management circuits reduce power
consumed during inactive periods to nearly zero.
■ Boot sectors
— Top and bottom boot sectors in Am29DL640G
— Top or bottom boot options in Am29DL320G
■ Compatible with JEDEC standards
— Pinout and software compatible with single-power-supply
flash standard
PERFORMANCE CHARACTERISTICS
■ High performance
— Access time as fast as 70 ns
— Program time: 4 µs/word typical utilizing Accelerate function
■ Ultra low power consumption (typical values)
— 2 mA active read current at 1 MHz
— 10 mA active read current at 5 MHz
— 200 nA in standby or automatic sleep mode
■ Minimum 1 million erase cycles guaranteed per sector
■ 20 year data retention at 125
°C
— Reliable operation for the life of the system
SOFTWARE FEATURES
■ Supports Common Flash Memory Interface (CFI)
■ Program/Erase Suspend/Erase Resume
— Suspends program/erase operations to allow
programming/erasing in same bank
■ Data# Polling and Toggle Bits
— Provides a software method of detecting the status of
program or erase cycles
HARDWARE FEATURES
■ Any combination of sectors can be erased
■ Ready/Busy# output (RY/BY#)
— Hardware method for detecting program or erase cycle
completion
■ Hardware reset pin (RESET#)
— Hardware method of resetting the internal state machine to
the read mode
■ WP#/ACC input pin
— Write protect (WP#) protects sectors 0, 1, 140, and 141 in
Am29DL640G, and two outermost boot sectors in
Am29DL320G
— Acceleration (ACC) function accelerates program timing
■ Sector protection
— Hardware method of locking a sector, either in-system or
using programming equipment, to prevent any program or
erase operation within that sector
— Temporary Sector Unprotect allows changing data in
protected sectors in-system
Pseudo SRAM Features
■ Power dissipation
— Operating: 30 mA maximum
— Standby: 60 µA maximum
■ CE1s# and CE2s Chip Select
■ Power down features using CE1s# and CE2s
■ Data retention supply voltage: 2.7 to 3.3 volt
■ Byte data control: LB#s (DQ7–DQ0), UB#s (DQ15–DQ8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com