Electronic Components Datasheet Search
  English  ▼

X  

DZ435N40K Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # DZ435N40K
Description  Rectifier Diode Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

DZ435N40K Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  DZ435N40K Datasheet HTML 1Page - Inchange Semiconductor Company Limited DZ435N40K Datasheet HTML 2Page - Inchange Semiconductor Company Limited DZ435N40K Datasheet HTML 3Page - Inchange Semiconductor Company Limited DZ435N40K Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ISUM6024
eq DZ435N40K
Rectifier Diode Module
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
IRRM
Repetitive Peak Reverse Current
VRRM=VR, TJ=125℃
--
--
50
mA
VF
On-state Voltage
IF=1200A ;TJ= 25℃
--
--
1.80
V
VFO
Threshold Voltage
Tvj = Tvj max
--
--
0.9
V
rT
Forward Slope Resistance
--
--
1.05
mΩ
Rth j-c
Thermal Resistance,Junction to Case
Single side cooled per chip
0.11
℃
/W
Rth c-h
Thermal Resistance,Case to Heatsink
Single side cooled per chip
0.04
℃
/W
FM
Terminal Connection Torque(M12)
12
14
N.m
Mounting Torque(M6)
4.5
6.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com