Electronic Components Datasheet Search
  English  ▼

X  

DZ435N40K Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # DZ435N40K
Description  Rectifier Diode Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

DZ435N40K Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  DZ435N40K Datasheet HTML 1Page - Inchange Semiconductor Company Limited DZ435N40K Datasheet HTML 2Page - Inchange Semiconductor Company Limited DZ435N40K Datasheet HTML 3Page - Inchange Semiconductor Company Limited DZ435N40K Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ISUM6024
eq DZ435N40K
Rectifier Diode Module
www.iscsemi.com
1
DESCRIPTION
·
Pressure Contact Technology With
Increased Power Cycling Capability
·
Space And Weight Saving
APPLICATIONS
·
Various Rectifiers
·
DC Supply For PWM Inverter
·
Battery Chargers
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Repetitive Peak Reverse Voltage
4000
V
VRSM
Non-Repetitive Peak Reverse Voltage
4000
V
IF(RMS)
Maximum RMS On-State Current,TC=60°C
700
A
IFAV
Average On-State Current
TC=60℃
435
A
IFSM
Surge Current
Tvj = Tvj max, tP = 10 ms
10
103A
I2t
I2t For Fusing Coordination
Tvj = Tvj max, tP = 10 ms
500
103A2s
VISOL
Insulation Test Voltage
RMS, f = 50 Hz, t = 1 min
3600
V
Tj
Operating Junction temperature
-40~150
℃
Tstg
Storage temperature
-40~125
℃


Similar Part No. - DZ435N40K

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
DZ435N EUPEC-DZ435N Datasheet
259Kb / 10P
Rectifier Diode Module
logo
Infineon Technologies A...
DZ435N INFINEON-DZ435N Datasheet
335Kb / 11P
Pressure contact technology for high reliability
2017-01-24 Revision 3.2
More results

Similar Description - DZ435N40K

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
DD260N EUPEC-DD260N Datasheet
240Kb / 10P
Rectifier Diode Module
DD104N EUPEC-DD104N Datasheet
239Kb / 10P
Rectifier Diode Module
DZ540N EUPEC-DZ540N Datasheet
274Kb / 10P
Rectifier Diode Module
DZ950N EUPEC-DZ950N Datasheet
232Kb / 10P
Rectifier Diode Module
ND350N EUPEC-ND350N Datasheet
242Kb / 10P
Rectifier Diode Module
DD261N EUPEC-DD261N Datasheet
273Kb / 10P
Rectifier Diode Module
logo
Infineon Technologies A...
DDB6U85N16L INFINEON-DDB6U85N16L Datasheet
337Kb / 7P
Rectifier Diode Module
Rev.2
logo
New Jersey Semi-Conduct...
SKKE600 NJSEMI-SKKE600 Datasheet
305Kb / 3P
Rectifier Diode Module
logo
Inchange Semiconductor ...
DD540N22K ISC-DD540N22K Datasheet
340Kb / 2P
Diode Rectifier Module
ND260N12K ISC-ND260N12K Datasheet
340Kb / 2P
Diode Rectifier Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com