Electronic Components Datasheet Search
  English  ▼

X  

MB2827 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MB2827
Description  Dual 10-bit buffer/line driver; non-inverting 3-State
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2827 Datasheet(HTML) 5 Page - NXP Semiconductors

  MB2827 Datasheet HTML 1Page - NXP Semiconductors MB2827 Datasheet HTML 2Page - NXP Semiconductors MB2827 Datasheet HTML 3Page - NXP Semiconductors MB2827 Datasheet HTML 4Page - NXP Semiconductors MB2827 Datasheet HTML 5Page - NXP Semiconductors MB2827 Datasheet HTML 6Page - NXP Semiconductors MB2827 Datasheet HTML 7Page - NXP Semiconductors MB2827 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Philips Semiconductors Advanced BiCMOS Products
Product specification
MB2827
Dual 10-bit buffer/line driver;
non-inverting (3-State)
August 27, 1993
5
AC WAVEFORMS
nOEx INPUT
VM
VM
tPZH
tPHZ
nYx OUTPUT
VOH
VM
VM
nYx OUTPUT
VOL
tPZL
tPLZ
3.5V
0V
VOL + 0.3V
VOH – 0.3V
nAx INPUT
VM
VM
nYx OUTPUT
VM
VM
tPLH
tPHL
Waveform 1. Waveforms Showing the Input (nAx) to
Output (nYx) Propagation Delays
Waveform 2. Waveforms Showing the 3-State Output
Enable and Disable Times
TEST CIRCUIT AND WAVEFORM
PULSE
GENERATOR
RT
VIN
D.U.T
VOUT
CL
RL
VCC
RL
7.0V
Test Circuit for 3-State Outputs
VM
VM
tW
AMP (V)
NEGATIVE
PULSE
10%
10%
90%
90%
0V
VM
VM
tW
AMP (V)
POSITIVE
PULSE
90%
90%
10%
10%
0V
tTHL (tF)
tTLH (tR)
tTHL (tF)
tTLH (tR)
VM = 1.5V
Input Pulse Definition
DEFINITIONS
RL = Load resistor; see AC CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
INPUT PULSE REQUIREMENTS
FAMILY
Amplitude
Rep. Rate
tW
tR
tF
MB
3.0V
1MHz
500ns
2.5ns
2.5ns
SWITCH POSITION
TEST
SWITCH
tPLZ
closed
tPZL
closed
All other
open



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com