Electronic Components Datasheet Search
  English  ▼

X  

MB2827 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MB2827
Description  Dual 10-bit buffer/line driver; non-inverting 3-State
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

MB2827 Datasheet(HTML) 1 Page - NXP Semiconductors

  MB2827 Datasheet HTML 1Page - NXP Semiconductors MB2827 Datasheet HTML 2Page - NXP Semiconductors MB2827 Datasheet HTML 3Page - NXP Semiconductors MB2827 Datasheet HTML 4Page - NXP Semiconductors MB2827 Datasheet HTML 5Page - NXP Semiconductors MB2827 Datasheet HTML 6Page - NXP Semiconductors MB2827 Datasheet HTML 7Page - NXP Semiconductors MB2827 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Philips Semiconductors Advanced BiCMOS Products
Product specification
MB2827
Dual 10-bit buffer/line driver;
non-inverting (3-State)
1
August 27, 1993
853-1667 10660
FEATURES
• Multiple V
CC and GND pins minimize
switching noise
• Live insertion/extraction permitted
• 3-State output buffers
• Power–up 3-State
• Output capability: +64mA/–32mA
• Latch-up protection exceeds 500mA per
Jedec JC40.2 Std 17
• ESD protection exceeds 2000 V per MIL
STD 883 Method 3015 and 200 V per
Machine Model
DESCRIPTION
The MB2827 high-performance BiCMOS
device combines low static and dynamic
power dissipation with high speed and high
output drive.
The MB2827 20-bit buffers provide high
performance bus interface buffering for wide
data/address paths or buses carrying parity.
They have NOR Output Enables (nOE1,
nOE2) for maximum control flexibility.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
nAx to nYx
CL = 50pF; VCC = 5V
3.0
ns
CIN
Input capacitance
VI = 0V or VCC
4
pF
COUT
Output capacitance
VO = 0V or VCC; 3-State
7
pF
ICCZ
Total supply current
Outputs disabled; VCC = 5.5V
80
µA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
ORDER CODE
DRAWING NUMBER
52-pin plastic Quad Flat Pack
-40
°C to +85°C
MB2827BB
1418B
PIN CONFIGURATION
LOGIC SYMBOL
1Y7
19
22
20
23
17
16
25
26
24
15
14
21
18
1Y8
2Y1
1Y9
2Y2
GND
1Y6
2Y4
2Y5
2Y3
1Y5
2Y0
1Y4
1
2
3
4
5
6
7
8
9
10
11
12
13
47
44
46
43
49
50
41 40
42
51
52
45
48
1A9
2A2
2A0
GND
1A7
1A6
2A4
2A5
2A3
1A5
2A1
1A8
1A4
39
38
37
36
35
34
33
32
31
30
29
28
27
MB2827
52-pin PQFP
45
44
42
41
39
38
37
36
1A0
1A1 1A2
1A3 1A4
1A5 1A6
1A7
1Y0
1Y1 1Y2
1Y3 1Y4
1Y5 1Y6
1Y7
48
49
50
51
1
2
3
5
46
47
1OE0
1OE1
35
34
1A8
1A9
1Y8
1Y9
6
7
33
32
31
29
28
27
25
24
2A0
2A1 2A2
2A3 2A4
2A5 2A6
2A7
2Y0
2Y1 2Y2
2Y3 2Y4
2Y5 2Y6
2Y7
8
9
10
11
12
13
15
16
21
20
2OE0
2OE1
23
22
2A8
2A9
2Y8
2Y9
18
19


Similar Part No. - MB2827

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MB2821 PHILIPS-MB2821 Datasheet
112Kb / 9P
Dual 10-bit D-type flip-flop; positive-edge trigger 3-State
August 24, 1993
MB2821BB PHILIPS-MB2821BB Datasheet
112Kb / 9P
Dual 10-bit D-type flip-flop; positive-edge trigger 3-State
August 24, 1993
MB2823 PHILIPS-MB2823 Datasheet
126Kb / 10P
Dual 9-bit D-type flip-flop with reset and enable 3-State
August 24, 1993
MB2823BB PHILIPS-MB2823BB Datasheet
126Kb / 10P
Dual 9-bit D-type flip-flop with reset and enable 3-State
August 24, 1993
More results

Similar Description - MB2827

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16825A PHILIPS-74ABT16825A Datasheet
75Kb / 10P
18-bit buffer/line driver; non-inverting 3-State
1998 Feb 25
74ABT16827A PHILIPS-74ABT16827A Datasheet
73Kb / 10P
20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
74ABT827 PHILIPS-74ABT827 Datasheet
97Kb / 11P
10-bit buffer/line driver, non-inverting 3-State
1998 Jan 16
74ALVCH16827 PHILIPS-74ALVCH16827 Datasheet
72Kb / 10P
20-bit buffer/line driver, non-inverting 3-State
1998 Jul 27
74F827 PHILIPS-74F827 Datasheet
97Kb / 12P
10-bit buffer/line driver, non-inverting 3-State
1994 Dec 5
74ABT827 NXP-74ABT827 Datasheet
93Kb / 14P
10-bit buffer/line driver; non-inverting; 3-state
Rev. 03-24 February 2010
74F827 NXP-74F827 Datasheet
88Kb / 13P
10-bit buffer/line driver; non-inverting; 3-state
Rev. 04-29 January 2010
74ALVT16827 PHILIPS-74ALVT16827_15 Datasheet
102Kb / 16P
20-bit buffer/line driver; non-inverting; 3-state
Rev. 03-2 June 2005
logo
Nexperia B.V. All right...
74ALVT16827 NEXPERIA-74ALVT16827 Datasheet
201Kb / 14P
20-bit buffer/line driver; non-inverting; 3-state
Rev. 4 - 24 January 2018
74ALVCH16827 NEXPERIA-74ALVCH16827 Datasheet
189Kb / 13P
20-bit buffer/line driver, non-inverting; 3-state
Rev. 3 - 6 April 2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com