Electronic Components Datasheet Search
  English  ▼

X  

BS320GBC9V Datasheet(PDF) 13 Page - SPANSION

Part # BS320GBC9V
Description  32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

BS320GBC9V Datasheet(HTML) 13 Page - SPANSION

Back Button BS320GBC9V Datasheet HTML 9Page - SPANSION BS320GBC9V Datasheet HTML 10Page - SPANSION BS320GBC9V Datasheet HTML 11Page - SPANSION BS320GBC9V Datasheet HTML 12Page - SPANSION BS320GBC9V Datasheet HTML 13Page - SPANSION BS320GBC9V Datasheet HTML 14Page - SPANSION BS320GBC9V Datasheet HTML 15Page - SPANSION BS320GBC9V Datasheet HTML 16Page - SPANSION BS320GBC9V Datasheet HTML 17Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
October 1, 2003 27243B1
Am29BDS320G
11
Prelimin ary
Ordering Information
The order number (Valid Combination) is formed by the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult the
local sales office or representative to confirm availability of specific valid combinations and to check on
newly released combinations.
Note: For the Am29BDS320G, the last digit of the speed grade specifies the VIO range of the device.
Speed options ending in “8” and “9” (e.g., D8, D9) indicate a 1.8 Volt VIO range. Speed grades ending
in “3” and “4” (e.g., D3, D4) indicate a 3.0 Volt VIO range.
Am29BDS320G
T
D
8
VM
I
TEMPERATURE RANGE
I
= Industrial (–40
°C to +85°C)
PACKAGE TYPE
VM
= 64-Ball Fine-Pitch Grid Array (FBGA)
0.80 mm pitch, 8 x 9 mm package (VBD064)
VIO AND HANDSHAKING FEATURES
8
= 1.8 V VIO, reduced wait-state handshaking
9
= 1.8 V VIO, standard handshaking
3
= 3 V VIO, reduced wait-state handshaking
4
= 3 V VIO, standard handshaking
CLOCK RATE/ASYNCHRONOUS SPEED
D
= 54 MHz/70 ns
C
= 40 MHz/90 ns
BOOT CODE SECTOR ARCHITECTURE
T
= Top boot sector
B
= Bottom boot sector
DEVICE NUMBER/DESCRIPTION
Am29BDS320G
32 Megabit (2 M x 16-Bit) CMOS Flash Memory, Simultaneous Read/Write,
Burst Mode Flash Memory, 1.8 Volt-only Read, Program, and Erase
Valid Combinations
Burst Frequency
(MHz)
VIO Range
Order Number
Package Marking
Am29BDS320GTD8
Am29BDS320GBD8
VMI
BS320GTD8V
BS320GBD8V
54
1.65–1.95V
Am29BDS320GTD9
Am29BDS320GBD9
BS320GTD9V
BS320GBD9V
Am29BDS320GTC8
Am29BDS320GBC8
BS320GTC8V
BS320GBC8V
40
Am29BDS320GTC9
Am29BDS320GBC9
BS320GTC9V
BS320GBC9V
Am29BDS320GTD3
Am29BDS320GBD3
VMI
BS320GTD3V
BS320GBD3V
54
2.7–3.15V
Am29BDS320GTD4
Am29BDS320GBD4
BS320GTD4V
BS320GBD4V
Am29BDS320GTC3
Am29BDS320GBC3
BS320GTC3V
BS320GBC3V
40
Am29BDS320GTC4
Am29BDS320GBC4
BS320GTC4V
BS320GBC4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com