Electronic Components Datasheet Search
  English  ▼

X  

BS320GBC9V Datasheet(PDF) 21 Page - SPANSION

Part # BS320GBC9V
Description  32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

BS320GBC9V Datasheet(HTML) 21 Page - SPANSION

Back Button BS320GBC9V Datasheet HTML 17Page - SPANSION BS320GBC9V Datasheet HTML 18Page - SPANSION BS320GBC9V Datasheet HTML 19Page - SPANSION BS320GBC9V Datasheet HTML 20Page - SPANSION BS320GBC9V Datasheet HTML 21Page - SPANSION BS320GBC9V Datasheet HTML 22Page - SPANSION BS320GBC9V Datasheet HTML 23Page - SPANSION BS320GBC9V Datasheet HTML 24Page - SPANSION BS320GBC9V Datasheet HTML 25Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
October 1, 2003 27243B1
Am29BDS320G
19
Prelimin ary
Table 3. CFI Query Identification String
Table 4. System Interface String
Addresses
Data
Description
10h
11h
12h
0051h
0052h
0059h
Query Unique ASCII string “QRY”
13h
14h
0002h
0000h
Primary OEM Command Set
15h
16h
0040h
0000h
Address for Primary Extended Table
17h
18h
0000h
0000h
Alternate OEM Command Set (00h = none exists)
19h
1Ah
0000h
0000h
Address for Alternate OEM Extended Table (00h = none exists)
Addresses
Data
Description
1Bh
0017h
VCC Min. (write/erase)
D7–D4: volt, D3–D0: 100 millivolt
1Ch
0019h
VCC Max. (write/erase)
D7–D4: volt, D3–D0: 100 millivolt
1Dh
0000h
VPP Min. voltage (00h = no VPP pin present)
1Eh
0000h
VPP Max. voltage (00h = no VPP pin present)
1Fh
0004h
Typical timeout per single byte/word write 2N µs
20h
0000h
Typical timeout for Min. size buffer write 2N
µs (00h = not supported)
21h
0009h
Typical timeout per individual block erase 2N ms
22h
0000h
Typical timeout for full chip erase 2N ms (00h = not supported)
23h
0004h
Max. timeout for byte/word write 2N times typical
24h
0000h
Max. timeout for buffer write 2N times typical
25h
0004h
Max. timeout per individual block erase 2N times typical
26h
0000h
Max. timeout for full chip erase 2N times typical (00h = not supported)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com