Electronic Components Datasheet Search
  English  ▼

X  

EMC2102 Datasheet(PDF) 13 Page - SMSC Corporation

Part # EMC2102
Description  RPM-Based Fan Controller with HW Thermal Shutdown
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2102 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button EMC2102 Datasheet HTML 9Page - SMSC Corporation EMC2102 Datasheet HTML 10Page - SMSC Corporation EMC2102 Datasheet HTML 11Page - SMSC Corporation EMC2102 Datasheet HTML 12Page - SMSC Corporation EMC2102 Datasheet HTML 13Page - SMSC Corporation EMC2102 Datasheet HTML 14Page - SMSC Corporation EMC2102 Datasheet HTML 15Page - SMSC Corporation EMC2102 Datasheet HTML 16Page - SMSC Corporation EMC2102 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
RPM-Based Fan Controller with HW Thermal Shutdown
Datasheet
SMSC EMC2102
13
Revision 1.95 (10-19-06)
DATASHEET
Note 3.4
TDIE refers to the internal die temperature and may not match TA due to self heating of
the device. The internal temperature sensor will return TDIE.
Note 3.5
Contact SMSC for Application Notes and guidelines when measuring GPU processor
diodes and CPU processor diodes.
3.3
SMBus Electrical Specifications
RPM Based Fan Controller
TACH Range
TACH
480
16000
RPM
TACH Setting
Accuracy
Δ
TACH
±1
±2
%
External oscillator 32.768kHz
Δ
TACH
±5
±7.5
%
Internal Oscillator
40°C < TDIE < 100°C
Thermal Shutdown
Thermal Shutdown
Threshold
TSDTH
150
°C
Thermal Shutdown
Hysteresis
TSDHYST
50
°C
SMBus and Digital I/O pins
Output High Voltage
VOH
VDD
_3V 0.4
V
2 mA current drive
Output Low Voltage
VOL
0.5
V
4mA current sink
Table 3.3 SMBus Electrical Specifications
VDD_3V = 3V to 3.6V, VDD_5V = 4.6 to 5.5V, TA = 0°C to 85°C
Typical values are at TA = 27°C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
SMBus Interface
Input High Voltage
VIH
2.0
V
Input Low Voltage
VIL
0.8
V
Input High/Low Current
IIH / IIL
-1
1
uA
Input Capacitance
CIN
5pF
Output Low Sink Current
4
mA
SMDATA = 0.5V
SMBus Timing
Clock Frequency
fSMB
10
400
kHz
Spike Suppression
tSP
50
ns
Table 3.2 Electrical Specifications (continued)
VDD_3V = 3V to 3.6V, VDD_5V = 4.6V - 5.5V, TA = 0°C to 85°C
all Typical values at TA = 27°C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com