Electronic Components Datasheet Search
  English  ▼

X  

EMC2102 Datasheet(PDF) 1 Page - SMSC Corporation

Part # EMC2102
Description  RPM-Based Fan Controller with HW Thermal Shutdown
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2102 Datasheet(HTML) 1 Page - SMSC Corporation

  EMC2102 Datasheet HTML 1Page - SMSC Corporation EMC2102 Datasheet HTML 2Page - SMSC Corporation EMC2102 Datasheet HTML 3Page - SMSC Corporation EMC2102 Datasheet HTML 4Page - SMSC Corporation EMC2102 Datasheet HTML 5Page - SMSC Corporation EMC2102 Datasheet HTML 6Page - SMSC Corporation EMC2102 Datasheet HTML 7Page - SMSC Corporation EMC2102 Datasheet HTML 8Page - SMSC Corporation EMC2102 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
SMSC EMC2102
DATASHEET
Revision 1.95 (10-19-06)
Datasheet
PRODUCT FEATURES
EMC2102
RPM-Based Fan
Controller with HW
Thermal Shutdown
GENERAL DESCRIPTION
The EMC2102 is an SMBus, closed-loop, RPM-based
fan controller/driver with hardware (HW) thermal
shutdown and reset controller. The EMC2102 is
packaged in a thermally enhanced, compact, 5x5, 28-
pin lead-free RoHS compliant QFN package.
The EMC2102 utilizes Beta Compensation and
Resistance Error Correction (REC) to accurately monitor
three external temperature zones. These features allow
great accuracy for CPU substrate thermal diodes on
multiple process geometries as well as with discrete
diode-connected transistors. Both Beta Compensation
and REC can be disabled on the EMC2102 to maintain
accuracy when monitoring AMD thermal diodes.
The EMC2102 includes a closed-loop RPM based Fan
Control Algorithm that integrates a linear fan driver
capable of sourcing 600mA of current. The fan control
algorithm is designed to work with fans that operate up
to 16,000 RPMs.
The EMC2102 provides a stand-alone HW thermal
shutdown block. The HW thermal shutdown logic can be
configured for a few common configurations based on
the strapping level of the SHDN_SEL pin on the PCB.
The HW thermal shutdown point can be set in 1°C
increments by using a discrete resistor divider
implemented on the TRIP_SET pin.
The EMC2102 also provides 5V supply ‘power good’
function with a threshold of 4.5V. This function is
provided on the RESET# pin.
FEATURES
Beta Compensation Allows Accurate Temperature
Measurement on 65nm CPU/GPUs
Closed-Loop RPM Based Fan Controller
— Accepts External Clock Source To Achieve 2%
Accuracy
Integrated Linear Fan Driver
— 600mA Drive Capability
HW Thermal Shutdown (SYS_SHDN#)
—1
°C Incremental Set Points For Thermal Shutdown
— Cannot be disabled by software
Provides Reset Function (RESET#) On 5V Supply
Three Remote Thermal Zones
—
±1°C Accuracy (60°C to 100°C)
—1
°C Resolution
Resistance Error Correction On Thermal ‘Diode’
Channels
— Eliminates Temperature Offset Due To Series
Resistance From PCB Traces And Thermal ‘Diode’
Thermally Enhanced, 28-pin, 5x5 QFN Lead-free
RoHS Compliant Package
Operates From Single 3.0 - 3.6V Supply
— 5V Supply For Linear Fan Driver
Software Configurable ALERT# Signal For Diode
Fault, Fan Stall Or System Warning
APPLICATIONS
Notebook Computers
Desktop Computers
Embedded Applications


Similar Part No. - EMC2102

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC2101 SMSC-EMC2101 Datasheet
1Mb / 55P
SMBus Fan Control with 1째C Accurate Temperature Monitoring
logo
Microchip Technology
EMC2101 MICROCHIP-EMC2101 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
EMC2101 MICROCHIP-EMC2101 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
EMC2101 MICROCHIP-EMC2101 Datasheet
1Mb / 56P
SMBus Fan Control with 1°C Accurate Temperature Monitoring
Revision A July 2022
logo
SMSC Corporation
EMC2101-ACZL-TR SMSC-EMC2101-ACZL-TR Datasheet
1Mb / 55P
SMBus Fan Control with 1째C Accurate Temperature Monitoring
More results

Similar Description - EMC2102

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC2103 SMSC-EMC2103 Datasheet
1Mb / 84P
RPM-Based Fan Controller with HW Thermal Shutdown
EMC2106 SMSC-EMC2106 Datasheet
1Mb / 106P
Dual RPM-Based Linear Fan Controller with Hardware Thermal Shutdown
EMC2105 SMSC-EMC2105 Datasheet
1Mb / 90P
RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
EMC2104 SMSC-EMC2104 Datasheet
1Mb / 101P
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
logo
Microchip Technology
EMC2103 MICROCHIP-EMC2103 Datasheet
874Kb / 85P
RPM-Based Fan Controller with Hardware Thermal Shutdown
10/28/13
logo
SMSC Corporation
EMC2106 SMSC-EMC2106_09 Datasheet
2Mb / 106P
Dual RPM-Based Linear Fan Controller with Hardware Thermal Shutdown
EMC2105 SMSC-EMC2105_09 Datasheet
1Mb / 89P
RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
EMC2104 SMSC-EMC2104_11 Datasheet
1Mb / 99P
Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
EMC2112 SMSC-EMC2112 Datasheet
930Kb / 65P
RPM-Based Linear Fan Controller with Hardware Thermal Shutdown
EMC2103DB SMSC-EMC2103DB Datasheet
293Kb / 9P
RPM-Based Fan Controller with Hardware Thermal Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com