Electronic Components Datasheet Search
  English  ▼

X  

EMC1102 Datasheet(PDF) 3 Page - SMSC Corporation

Part # EMC1102
Description  SST Compliant Hardware Monitor with Two Temperature Channels
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1102 Datasheet(HTML) 3 Page - SMSC Corporation

  EMC1102 Datasheet HTML 1Page - SMSC Corporation EMC1102 Datasheet HTML 2Page - SMSC Corporation EMC1102 Datasheet HTML 3Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Package Outline
Figure 1 EMC1102 8-Pin MSOP Package Drawing
-
S EE SPE C F R O N T P A G E F O R R E V I SIO N H IST O R Y
--
c
SEE D E T A IL "A "
e
D
E1
E
PIN 1 ID EN T IF IE R
AR EA ( D /2 X E 1/2)
8X b
L
L1
0.25
0° - 8°
D IM A N D T O L P E R A S M E Y 14. 5M - 1994
FIN ISH
MA T E R IAL
DE C I M A L
X.X
X.XX
X.XXX
8 0 AR KAY D R IVE
H A UP P A U G E , NY 11 788
US A
AN G U L A R
P R IN T W ITH "S C A L E T O FIT"
D O N O T SC AL E D R A W IN G
C H EC KED
APPR O VED
NA M E
DR A W N
DW G N U M BER
SC AL E
TITL E
DA TE
S T D CO M PL IAN C E
U N L E S S O T H E R W I S E SPEC IF IE D
D IME N S I O N S AR E I N M IL L IM E T ER S
AN D T O L E R A N C ES AR E:
T H IR D AN G L E PR O JEC T IO N
REV
SH E ET
R EVI SIO N
D E S C R IP T IO N
R E VI SI O N H IS TO R Y
R E L EAS ED BY
DA T E
PA C K AG E O U T L IN E
8 P IN T S S O P , 3x 3 M M B O D Y , 0 .6 5 M M P IT C H
±1 °
-
-
±0 .1
±0 .0 5
± 0 .025
S.K.IL IE V
S.K.IL IE V
S.K.IL IE V
7/07 /0 4
7/05 /0 4
1:1
7/05 /0 4
M O -8 -T S S O P -3 x 3
J E DE C: M O -1 8 7 / D
1 OF 1
D
C
SEAT IN G P LA N E
A
A2
A1
SEAT IN G P LA N E
SID E V IE W
ccc C
G A U G E PL AN E
H
3-D V IE W
T O P VIE W
C
3
2
E N D VIEW
4
3
5
DE T A IL "A "
S C AL E: 3 /1
N O TES :
1. A L L DIM E NS IO NS A R E IN M IL L IM E T E R .
2 . T O L E R A N C E O N T H E T R U E PO SIT IO N O F T H E L E AD S IS ± 0 .0 6 5 m m MAXIMU M.
3. P A CK A G E B O DY D IM E N S IO N S "D " A N D "E 1 " D O N O T IN CLUD E M O L D P R O T RUS IO NS O R F L A S H.
M A X IM U M M O LD P R O T RU S IO N S O R F L A S H IS 0 . 1 5 m m (0 .0 0 6 IN C H E S ) P E R E ND A ND S IDE .
DIM E NS IO N S "D " A N D "E 1 " A R E DE T E RM IN E D A T DA T U M P L A N E "H ".
4 . D IME N S IO N F O R F O O T L E N G T H "L " IS M E A S U R E D AT T H E G A U G E P L AN E 0 .2 5 m m ABO VE T H E
SEA T IN G P L AN E.
5 . D E TA IL S O F P IN 1 ID E N T IF IE R A R E O P TIO N A L , B U T M U S T B E L O C A TE D W ITH IN TH E Z O N E
IN D IC A T E D .



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com