Electronic Components Datasheet Search
  English  ▼

X  

EMC1102 Datasheet(PDF) 1 Page - SMSC Corporation

Part # EMC1102
Description  SST Compliant Hardware Monitor with Two Temperature Channels
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1102 Datasheet(HTML) 1 Page - SMSC Corporation

  EMC1102 Datasheet HTML 1Page - SMSC Corporation EMC1102 Datasheet HTML 2Page - SMSC Corporation EMC1102 Datasheet HTML 3Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMSC EMC1102
PRODUCT PREVIEW
Revision 2.55 (12-06-06)
Data Brief
PRODUCT FEATURES
EMC1102
SST Compliant
Hardware Monitor with
Two Temperature
Channels
GENERAL DESCRIPTION
The EMC1102 is a one-wire sensor that is capable of
monitoring up to two temperature zones for an Intel PC
platform containing an SST host. The two temperature
zones consist of an internal temperature diode and an
externally connected temperature diode. In cooperation
with a host device, thermal management and fan control
can be performed. Communication takes place over a
one-wire SST based interface. The internal 11-bit delta-
sigma ADC architecture provides superb linearity, high
accuracy, and excellent noise immunity.
APPLICATIONS
Desktop PCs, Servers and Workstations
FEATURES
Single Wire Interface (SST based)
— SST 1.0 compliant
— Fixed Address, Discoverable Device
— Nine programmable addresses
— Supports FCS Abort functionality not available in SST
0.9 compliant devices
Resistance Error Correction
Ideality Configuration
Beta Compensation
External Temperature Monitor
— 0.125°C resolution
— ±1°C Accuracy (50°C to 70°C)
— Diode Fault Reporting
Internal Temperature Monitor
— Range -40°C to +125°C
— 0.125°C resolution
— ±2°C Accuracy (40°C to 70°C)
Supply
— 3.0V to 3.6V
SIMPLIFIED BLOCK DIAGRAM
EMC1102
Internal
Temp
Diode
Switching
Current
Configuration
Register
Status Register
External Temp
Register
Internal Temp
Register
SST
11-bit
delta-sigma
ADC
Digital Mux
and
Byte Interlock
DP
DN
ADD1
ADD0


Similar Part No. - EMC1102

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC1102-ACZL-TR SMSC-EMC1102-ACZL-TR Datasheet
231Kb / 3P
SST Compliant Hardware Monitor
EMC1102 SMSC-EMC1102_08 Datasheet
231Kb / 3P
SST Compliant Hardware Monitor
More results

Similar Description - EMC1102

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7485A AD-ADT7485A Datasheet
404Kb / 16P
SST Digital Temperature Sensor and Voltage Monitor
7/06-Revision 0
ADT7488A AD-ADT7488A Datasheet
470Kb / 16P
SST Digital Temperature Sensor and Voltage Monitor
9/06-Revision 0
logo
SMSC Corporation
EMC1152 SMSC-EMC1152 Datasheet
322Kb / 3P
SST Compliant Hardware Monitor with Two Temperature Channels and Five Voltage Channels
EMC1103 SMSC-EMC1103 Datasheet
213Kb / 3P
SST Compliant Hardware Monitor with Three Temperature Channels
EMC1133 SMSC-EMC1133 Datasheet
211Kb / 3P
SST Compliant Hardware Monitor with Three Temperature Channels and Three Voltage Channels
logo
ON Semiconductor
ADT7488A ONSEMI-ADT7488A Datasheet
344Kb / 12P
SST Digital Temperature Sensor and Voltage Monitor
December, 2009 ??Rev. 4
logo
Texas Instruments
AMC80 TI1-AMC80 Datasheet
281Kb / 23P
System Hardware Monitor with Two-Wire/SMBus Serial Interface
logo
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE Datasheet
877Kb / 3P
Hardware monitor with api
logo
SMSC Corporation
EMC1103 SMSC-EMC1103_08 Datasheet
331Kb / 3P
SST Compliant Hardware Monitor
EMC1102 SMSC-EMC1102_08 Datasheet
231Kb / 3P
SST Compliant Hardware Monitor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com