Electronic Components Datasheet Search
  English  ▼

X  

355-AVU Datasheet(PDF) 2 Page - SIKA BUILDING TRUST

Part # 355-AVU
Description  Parex® 355 AVU Reinforcing Mesh
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIKA [SIKA BUILDING TRUST]
Direct Link  https://gbr.sika.com/
Logo SIKA - SIKA BUILDING TRUST

355-AVU Datasheet(HTML) 2 Page - SIKA BUILDING TRUST

  355-AVU Datasheet HTML 1Page - SIKA BUILDING TRUST 355-AVU Datasheet HTML 2Page - SIKA BUILDING TRUST 355-AVU Datasheet HTML 3Page - SIKA BUILDING TRUST  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dimensions
1.1 m x 50 m roll
CHARACTERISTIC
UNITS DESCRIPTION
355 AVU
Setting
per 100 m
Warp 25 x 2
Weft 20.5
Weave
Half leno
Standard Width (1)
cm individual value
100 or 110
Roll Length (1)
m individual value
50
Treated Fabric Thick-
ness
mm informative value
0.52
Loom State Fabric
Weight
g/m2 informative value
131
Treated Fabric Weight
g/m2 individual
value,minimum
160
Combustible Matter
Content
(LOI)
% of mass individual
value
20
Treatment type
Alkali resistant without
emollient, obstructing
yam drifting
Square Dimension
mm informative value
3.5 x 3.8
(1) Other dimensions on request
Tensile strength(TS) and elongation:
Minimum individual tensile strength (N/50 mm) and maximum elongation
(%) when reaching minimum tensile strength is ascertained according to
DIN EN ISO 13934-1 per below.
Deposition Meth-
od
Tensile Strength
Nominal Value
Tensile Strength
Individual Value
Elongation Aver-
age Value
Standard Condi-
tion
2000 / 2000
1900 / 1900
3.8 / 3.8
5 % NaOH Solu-
tion
1300 / 1400
1200 / 1200
3.5 / 3.5
Fast Test
1500 / 1700
1250 / 1250
3.5 / 3.5
3 ion solution
(ETAG 004)
1000 / 1000
50 % / 50 %
Tolerances:
Setting: ±5 % in warp and weft
Width: ±1 %
Length: ±2 %
LOI: ±4 %
BASIS OF PRODUCT DATA
All technical data stated in this Product Data Sheet are
based on laboratory tests. Actual measured data may
vary due to circumstances beyond our control.
IMPORTANT CONSIDERATIONS
Do not apply into frozen substrates where there is a
risk of frost.
ECOLOGY, HEALTH AND SAFETY
This product is an article as defined in article 3 of regu-
lation (EC) No 1907/2006 (REACH). It contains no sub-
stances which are intended to be released from the
article under normal or reasonably foreseeable condi-
tions of use. A safety data sheet following article 31 of
the same regulation is not needed to bring the
product to the market, to transport or to use it. For
safe use follow the instructions given in this product
data sheet.Based on our current knowledge, this
product does not contain SVHC (substances of very
high concern) as listed in Annex XIV of the REACH reg-
ulation or on the candidate list published by the
European Chemicals Agency in concentrations above
0.1 % (w/w)
APPLICATION
355 AVU mesh has been specifically designed for use
in the application of MAITE when used as part of a
PAREXTHERM or PAREXDIRECT render system. Consult
the specific product data sheets for each render sys-
tem for application guidance.
General mesh installation within base coat
Overlap the mesh a minimum of 100mm to all hori-
zontal and vertical edges.
▪
Product Data Sheet
Parex® 355 AVU Reinforcing Mesh
January 2022, Version 01.01
021830901000000003
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com