Electronic Components Datasheet Search
  English  ▼

X  

EUV-100S024ST Datasheet(PDF) 3 Page - Inventronics Inc.

Part # EUV-100S024ST
Description  Driving the Lighting Revolution
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EUV-100S024ST Datasheet(HTML) 3 Page - Inventronics Inc.

  EUV-100S024ST Datasheet HTML 1Page - Inventronics Inc. EUV-100S024ST Datasheet HTML 2Page - Inventronics Inc. EUV-100S024ST Datasheet HTML 3Page - Inventronics Inc. EUV-100S024ST Datasheet HTML 4Page - Inventronics Inc. EUV-100S024ST Datasheet HTML 5Page - Inventronics Inc. EUV-100S024ST Datasheet HTML 6Page - Inventronics Inc. EUV-100S024ST Datasheet HTML 7Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Specifications are subject to changes without notice.
EUV-100SxxxST
Rev. L
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Driving the Lighting Revolution
General Specifications (Continued)
Parameter
Min.
Typ.
Max.
Notes
MTBF
-
338,000
hours
-
Measured at 110Vac input, 80%Load and 25
°C
ambient temperature (MIL-HDBK-217F)
Life Time
-
113,000
hours
-
Measured at 220Vac input, 80%Load; Case
temperature=60
@ Tc point. See life time vs. Tc
curve for the details
Case temperature
-
-
88
°C
Dimensions
Inches (L × W × H)
Millimeters (L × W × H)
7.24 × 2.66 × 1.44
184 × 67.5 × 36.5
Net Weight
-
950 g
-
Note: All specifications are typical at 25
°C unless otherwise stated.
Environmental Specifications
Parameter
Min.
Typ.
Max.
Notes
Operating Temperature
-35
-
+70
Humidity: 10% RH to 100% RH
See Derating Curve for more details
Storage Temperature
-40
-
+85
Humidity: 5% RH to 100% RH
Safety & EMC Compliance
Safety Category
Standard
UL/CUL
UL8750,UL1012, CSA-C22.2 No. 107.1
CE
EN 61347-1, EN61347-2-13
EMI Standards
Notes
EN 55015
Conducted emission Test & Radiated emission Test
EN 61000-3-2
Harmonic current emissions
EN 61000-3-3
Voltage fluctuations & flicker
EMS Standards
Notes
EN 61000-4-2
Electrostatic Discharge (ESD): 8 kV air discharge, 4 kV contact discharge
EN 61000-4-3
Radio-Frequency Electromagnetic Field Susceptibility Test-RS
EN 61000-4-4
Electrical Fast Transient / Burst-EFT
EN 61000-4-5
Surge Immunity Test: AC Power Line: line to line 2 kV, line to earth 4 kV
EN 61000-4-6
Conducted Radio Frequency Disturbances Test-CS
EN 61000-4-8
Power Frequency Magnetic Field Test



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com